ANT-2.4-CW-RCT
AI

The **ANT-2.4-CW-RCT** is a high-performance 2.4 GHz dipole antenna designed by Linx Technologies (now part of TE Connectivity). It is commonly used for Wi-Fi, Bluetooth, ZigBee, and other ISM band applications.
### 1. Technical Specifications
The following table summarizes the key electronic characteristics of the antenna:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 2.4 GHz to 2.5 GHz |
| **Peak Gain** | 2.2 dBi |
| **VSWR** | ≤ 1.9 (at center frequency) |
| **Impedance** | 50 $\Omega$ |
| **Wavelength** | 1/2-wave |
| **Polarization** | Linear |
| **Radiation Pattern** | Omnidirectional |
| **Connector Type** | RP-SMA (Male) or SMA (Male) |
---
### 2. Design and Construction
The antenna is engineered for durability and flexibility in various electronic deployments.
* **Articulating Base:** The "RCT" series features a knuckle swivel design that allows the antenna to tilt 90 degrees and rotate 360 degrees. This is crucial for optimizing signal orientation.
* **Dipole Internal Structure:** Unlike monopole antennas, this is a **center-fed 1/2-wave dipole**. This means it does not require a ground plane on the host PCB to operate efficiently, making it ideal for plastic enclosures.
* **Internal Element:** It typically utilizes a brass or copper radiating element protected by a ruggedized UV-stabilized ABS plastic radome.
---
### 3. Connection and Implementation
When integrating this part into a circuit, developers should consider the following:
#### Connector Polarity
The ANT-2.4-CW-RCT is most commonly found with an **RP-SMA** (Reverse Polarity SMA) connector. This is the industry standard for Wi-Fi equipment to comply with FCC Part 15 regulations.
#### Signal Integrity
To connect this to a PCB, a high-quality coaxial cable or a PCB-mount connector is required.
```cpp
// Example: Hardware considerations for RF output
#define ANTENNA_IMPEDANCE 50 // Ohms
#define MAX_VSWR 1.9
void checkRFDesign() {
// Ensure the PCB trace (Microstrip) is calculated
// for 50 Ohm matching to avoid signal reflection.
if (trace_impedance != ANTENNA_IMPEDANCE) {
apply_matching_network(); // L-C Pi network
}
}
```
---
### 4. Typical Applications
* **Wi-Fi Routers:** Enhancing range for 802.11b/g/n devices.
* **Bluetooth Gateways:** Increasing the connection stability for IoT hubs.
* **Industrial Monitoring:** Used in ZigBee or Thread mesh networks in factory environments.
* **SDR (Software Defined Radio):** General-purpose 2.4 GHz band monitoring.
- ⤷
What is the difference between the RP-SMA and SMA versions of this antenna?
- ⤷ Why is a 1/2-wave dipole better for plastic enclosures than a monopole?
- ⤷ How does the tilting mechanism affect the radiation pattern?