Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ANT-W63-MON-RPS

  • AI
    The **ANT-W63-MON-RPS** is a high-performance, dipole, monitor-style antenna designed by Linx Technologies (now part of TE Connectivity). It is specifically engineered for tri-band operation, supporting the latest Wi-Fi standards including Wi-Fi 6 and Wi-Fi 6E. --- ### 1. Key Technical Specifications The antenna is designed to cover the 2.4 GHz, 5 GHz, and 6 GHz bands. Below are the primary electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2.4 GHz, 5 GHz, 6 GHz | | **VSWR (Max)** | 1.8 (2.4 GHz), 2.2 (5 GHz), 2.0 (6 GHz) | | **Peak Gain** | 3.8 dBi (2.4 GHz), 4.9 dBi (5 GHz), 5.1 dBi (6 GHz) | | **Impedance** | 50 $\Omega$ | | **Polarization** | Linear | | **Radiation Pattern** | Omnidirectional | | **Connection Type** | RP-SMA (Plug) | --- ### 2. Physical and Electronic Design The "MON" series features a "monopole-like" appearance but functions as a **dipole antenna**, meaning it does not require a ground plane to operate efficiently. * **Hinge Design:** The antenna features a tilting base (swivel) that allows for 0°, 45°, and 90° positioning to optimize signal orientation. * **RP-SMA Connector:** The "RPS" suffix indicates a **Reverse Polarity SMA** connector. This is the industry standard for Wi-Fi equipment to comply with FCC regulations regarding non-standardized antenna connections. * **Internal Element:** It uses a precision-tuned copper element encased in a UV-resistant ABS plastic radome, ensuring durability for indoor and light outdoor applications. --- ### 3. Application Use Cases Because it supports the 6 GHz band (Wi-Fi 6E), this antenna is ideal for: 1. **IoT Gateways:** High-speed data transfer for industrial automation. 2. **Network Routers:** Upgrading existing hardware to support tri-band connectivity. 3. **Smart Home Hubs:** Providing stable coverage across various consumer electronics. 4. **Virtual Reality (VR):** Low-latency requirements in the 6 GHz spectrum. --- ### 4. RF Performance Comparison The efficiency of the ANT-W63-MON-RPS is notably high across all supported bands: ```yaml Efficiency_Ratings: 2.4_GHz_Band: "73%" 5_GHz_Band: "68%" 6_GHz_Band: "71%" ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between SMA and RP-SMA connectors in this model?
    • ⤷ Does this antenna require a metal ground plane for optimal performance?
    • ⤷ How does Wi-Fi 6E support impact the gain of this antenna?