AOM-4540P-R
AI

The **AOM-4540P-R** is a high-sensitivity, omnidirectional electret condenser microphone (ECM) capsule. It is widely used in telecommunications, security systems, and consumer electronics due to its compact size and reliable performance.
---
### ## Technical Specifications
The following table outlines the key electrical and physical characteristics of the AOM-4540P-R:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Electret Condenser (ECM) |
| **Directivity** | Omnidirectional |
| **Sensitivity** | -40 ± 3 dB (0dB = 1V/Pa @ 1kHz) |
| **Operating Voltage** | 1.0V – 10V DC (Standard: 2.0V) |
| **Current Consumption** | Max 0.5 mA |
| **Frequency Range** | 20 Hz – 20,000 Hz |
| **Signal-to-Noise Ratio** | > 60 dB |
| **Impedance** | 2.2 kΩ (Max) |
| **Dimensions** | 9.7mm (Diameter) x 4.5mm (Height) |
| **Connection Type** | Through-hole (Solder Pins) |
---
### ## Internal Structure and Components
The device consists of several critical electronic and mechanical parts:
1. **Electret Diaphragm:** A thin plastic film with a permanent electrostatic charge. When sound waves hit this film, it vibrates, changing the capacitance.
2. **Back Plate:** A stationary metal plate that acts as the other half of the capacitor.
3. **JFET (Field Effect Transistor):** Because the impedance of the capsule is extremely high, a built-in JFET acts as an **impedance converter**. It converts the high-impedance signal into a lower-impedance signal usable by standard audio pre-amplifiers.
4. **Casing:** A cylindrical aluminum housing that provides electromagnetic shielding to reduce hum and interference.
---
### ## Typical Application Circuit
To function correctly, the AOM-4540P-R requires a DC bias voltage. A common configuration is the "Common Source" amplifier circuit:
```text
[VCC (2.0V)]
|
[RL (2.2k Ohm Resistor)]
|
+---- [Output Capacitor (0.1uF - 10uF)] ----> To Pre-Amp
|
[AOM-4540P-R Pin (+)]
[AOM-4540P-R Pin (-)]
|
[GND]
```
---
### ## Key Features
* **RoHS Compliant:** The "-R" suffix indicates compliance with environmental regulations regarding hazardous substances.
* **Omnidirectional:** It picks up sound equally from all directions, making it ideal for ambient recording or conference devices.
* **Broad Frequency Response:** Capable of capturing high-fidelity audio across the human hearing range.
- ⤷
How does the sensitivity rating of -40dB compare to other ECM microphones?
- ⤷ What is the recommended load resistance (RL) for optimal signal-to-noise ratio?
- ⤷ Can this microphone be used with a 3.3V or 5V logic supply?