Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AOW211-R

  • AI
    ## Overview of the AOW211-R The **AOW211-R** is a specific electronic component, typically categorized as a **PhotoMOS Relay** (Solid State Relay) manufactured by Panasonic (formerly NAiS). It belongs to the PhotoMOS GE 1 Form A series, known for its high reliability and compact size. --- ### 1. Key Technical Specifications The AOW211-R is designed to control electrical loads using light-emitting diodes (LEDs) and MOSFETs, providing optical isolation between the input and output. | Parameter | Value / Description | | :--- | :--- | | **Contact Form** | 1 Form A (Normally Open) | | **Load Voltage (Max)** | 400V AC/DC | | **Continuous Load Current** | 0.1A (100mA) | | **Isolation Voltage** | 1,500V AC | | **Package Type** | SOP 4-pin (Small Outline Package) | | **Input Current (Typical)** | 0.9 mA to 3 mA | | **Output Type** | MOSFET | --- ### 2. Internal Components & Operation The device consists of three primary internal stages: 1. **Input Side (LED):** An infrared LED that emits light when a small control current is applied. 2. **Isolation:** A translucent resin that allows light to pass but blocks high-voltage electrical current, ensuring safety and noise reduction. 3. **Output Side (Solar Cell & MOSFETs):** A solar cell array converts the light back into a voltage, which triggers the gates of two power MOSFETs to close the circuit and allow the load to flow. --- ### 3. Features and Advantages Compared to traditional mechanical relays, the AOW211-R offers several distinct advantages: * **Low On-Resistance:** Ensures minimal power loss during operation. * **High Sensitivity:** Can be driven directly by microcontrollers (low input current requirements). * **Silence:** Since there are no moving parts, there is no "clicking" sound. * **Longevity:** No mechanical wear and tear, leading to a much longer operational lifespan. * **Stable Contact Resistance:** Does not suffer from the oxidation or pitting found in metal contacts. --- ### 4. Common Applications Due to its high voltage rating and compact SOP package, the AOW211-R is frequently used in: * **Telecommunications:** Modem and telephone line switching. * **Measurement Equipment:** Multimeters and data loggers for signal switching. * **Industrial Controls:** High-speed switching in automated production lines. * **Security Systems:** Sensor inputs and alarm triggers.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AOW211-R and a standard mechanical relay?
    • ⤷ Can the AOW211-R be used to switch AC and DC loads simultaneously?
    • ⤷ What is the typical switching speed (Turn-on/Turn-off time) for this component?