Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • API8108A

  • AI
    The **API8108A** is a specialized Integrated Circuit (IC) primarily used as an **8-key Capacitive Touch Sensor Controller**. It is designed to replace traditional mechanical buttons in consumer electronics, providing a sleek, durable, and wear-resistant user interface. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 2.2V to 5.5V | | **Input Channels** | 8 Capacitive Touch Keys | | **Output Type** | Direct Output or BCD (Binary Coded Decimal) | | **Operating Current** | ~1.5mA at 3V (Active), < 10uA (Sleep) | | **Response Time** | ~60ms to 160ms (depending on configuration) | | **Package Type** | SOP-16 / SSOP-20 | --- ### 2. Functional Electronic Components Inside the API8108A, several internal blocks manage the touch detection process: * **Capacitance-to-Digital Converter (CDC):** This is the core module that senses the change in capacitance when a finger nears the electrodes. * **Auto-Calibration Engine:** It continuously monitors environmental changes (like temperature or humidity) and recalibrates the baseline to prevent "ghost touches." * **Built-in LDO:** A Low Dropout regulator ensures that the internal sensing circuitry receives a stable voltage, reducing noise interference. * **Debounce Logic:** Internal filters verify the touch signal to ensure that brief static or EMI (Electromagnetic Interference) does not trigger a false button press. --- ### 3. Peripheral Hardware Requirements To integrate the API8108A into a circuit, you typically need the following external parts: 1. **Sensing Electrodes:** Copper pads on a PCB or conductive foil. 2. **Sensitivity Capacitors (Cs):** Small ceramic capacitors (0pF to 50pF) connected between each input pin and ground to adjust the sensitivity for different overlay thicknesses (e.g., plastic or glass). 3. **Decoupling Capacitor:** A 0.1uF capacitor near the VDD pin to filter power supply noise. 4. **Series Resistors:** Often placed between the electrode and the IC (typically 1kΩ) to improve ESD (Electrostatic Discharge) protection. --- ### 4. Application Use Cases * **Home Appliances:** Induction cookers, microwave ovens, and washing machines. * **Consumer Electronics:** TV control panels, monitors, and audio equipment. * **Industrial:** Waterproof or sealed control interfaces. ---
    ✨ Follow-up Questions
    • ⤷ How do you adjust the sensitivity of the API8108A for thick glass overlays?
    • ⤷ What is the difference between the Direct Output and BCD modes in this IC?
    • ⤷ Can the API8108A be used in battery-operated devices?