AI

The **API8208A** is a specialized Integrated Circuit (IC) primarily used as an **8-channel constant current LED driver**. It is widely utilized in architectural lighting, LED strips, and display modules where high precision and color consistency are required.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Channels** | 8-Channel Constant Current Sink |
| **Output Current Range** | 3mA to 45mA (Adjustable via External Resistor) |
| **Output Voltage (V_out)** | Maximum 17V (at output pins) |
| **Supply Voltage (V_DD)** | 3.3V to 5.5V |
| **Clock Frequency** | Up to 25 MHz |
| **Package Types** | SOP16, SSOP16, or DIP16 |
---
### 2. Core Functional Features
The API8208A is designed to simplify the control of multiple LEDs through a serial data interface.
* **Constant Current Driving:** Ensures that each LED in a string receives the exact same current, preventing variations in brightness and extending the lifespan of the LEDs.
* **External Resistor Control:** A single external resistor ($R_{ext}$) connected to the `REXT` pin sets the maximum output current for all 8 channels simultaneously.
* **Serial Data Interface:** It uses a "Shift Register" architecture. Data is shifted in serially (SDI), latched (LE), and then output to the pins when enabled (OE).
* **Cascadability:** It features a Serial Data Output (SDO) pin, allowing multiple ICs to be daisy-chained to control 16, 24, or hundreds of LEDs using the same data line.
---
### 3. Pinout Description (Typical 16-Pin SOP)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | **GND** | Ground |
| 2 | **SDI** | Serial Data Input |
| 3 | **CLK** | Clock Input for data shifting |
| 4 | **LE** | Latch Enable (transfers shift register data to output) |
| 5-12 | **OUT 0-7** | Constant current output channels (Sink) |
| 13 | **OE** | Output Enable (Active Low) - turns outputs on/off |
| 14 | **SDO** | Serial Data Output (to next IC) |
| 15 | **REXT** | External resistor connection to set current |
| 16 | **VDD** | Power Supply (5V typical) |
---
### 4. Typical Application Circuit
When designing with the API8208A, the output current is calculated using a standard formula provided in the datasheet (usually involving a reference voltage divided by the external resistor value).
```cpp
// Pseudocode logic for driving the API8208A via a Microcontroller
void sendData(uint8_t data) {
for(int i = 0; i < 8; i++) {
digitalWrite(SDI_PIN, (data >> i) & 0x01);
pulseClock();
}
digitalWrite(LATCH_PIN, HIGH); // Lock data into outputs
digitalWrite(LATCH_PIN, LOW);
}
```
---
### 5. Common Use Cases
* **LED Video Walls:** Ensuring uniform brightness across large panels.
* **Variable Message Signs (VMS):** Used in traffic and information displays.
* **Backlighting:** Providing stable illumination for LCDs or signage.
- ⤷How do I calculate the value of Rext for a specific output current?
- ⤷ What is the difference between API8208A and the common 74HC595 shift register?
- ⤷ Can API8208A handle PWM dimming for the LEDs?