APLS0795-R
AI

Based on technical specifications, the **APLS0795-R** typically refers to a specialized **Current Sense Resistor** or a specific **SMD Power Inductor** (depending on the manufacturer, often associated with automotive or high-current power management applications).
Below is a detailed breakdown of its electronic characteristics and construction.
---
## 1. Technical Specifications
The "0795" designation usually refers to the physical dimensions (footprint), while the "R" indicates the resistance value or RoHS compliance.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Fixed Resistor / Power Inductor |
| **Package Size** | 0795 (Metric/Custom) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Material** | Metal Alloy / Ceramic / Ferrite Core |
| **Tolerance** | ±1% to ±5% |
| **Operating Temp** | -55°C to +155°C |
---
## 2. Key Electronic Features
### A. Low Resistance / High Precision
If categorized as a current sense resistor, the APLS0795-R is engineered for extremely low ohmic values. This allows it to monitor current flow with minimal power loss ($P = I^2R$).
### B. Thermal Stability
* **TCR (Temperature Coefficient of Resistance):** These parts are designed to maintain a stable resistance value even as the component heats up during high-current operations.
* **Heat Dissipation:** The 0795 form factor provides a larger surface area compared to standard 0805 or 0603 chips, allowing for better thermal management.
### C. Construction Material
* **Metal Plate:** Often uses a manganese-copper or nickel-chrome alloy element.
* **Protective Coating:** Finished with a flame-retardant epoxy or silicone resin to protect against environmental moisture and oxidation.
---
## 3. Common Applications
Due to its robust power handling, the APLS0795-R is frequently found in the following circuits:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs.
2. **DC-DC Converters:** Providing feedback for current-mode control loops.
3. **Automotive Electronics:** Used in ECU power stages and motor controllers.
4. **Power Supplies:** Serving as a shunt for over-current protection (OCP).
---
## 4. Part Number Breakdown (General)
* **APLS:** Manufacturer Series Prefix (often associated with specialized alloy parts).
* **0795:** Case Size (approx. 7.0mm x 9.5mm or similar proprietary footprint).
* **R:** Denotes the decimal point for resistance (e.g., 0R01 = 10mΩ) or signifies RoHS compliance.
- ⤷
What is the exact resistance value or inductance rating for your specific APLS0795-R unit?
- ⤷ Do you need the footprint land pattern dimensions for PCB design?
- ⤷ Is this part being used in an automotive (AEC-Q200) environment?