AI

The **APTE-2121-R** is a specific surface-mount technology (SMT) component, typically classified as a **miniature electromagnetic buzzer** or **transducer**. These components are widely used in consumer electronics for audible feedback, such as "beeps" or notification sounds.
---
### 1. Key Technical Specifications
The electrical and physical characteristics of the APTE-2121-R are designed for high-density PCB mounting.
| Parameter | Typical Value / Specification |
| :--- | :--- |
| **Component Type** | Electromagnetic Audio Transducer |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Rated Voltage** | 3.6 Vp-p (Typically operates between 2V - 5V) |
| **Rated Current** | ~90 mA (Maximum) |
| **Sound Pressure Level (SPL)** | ≥ 85 dB at 10cm |
| **Resonant Frequency** | 2,700 Hz - 2,730 Hz |
| **Operating Temperature** | -30°C to +70°C |
| **Housing Material** | LCP (Liquid Crystal Polymer) - High Heat Resistance |
---
### 2. Physical Construction
The part is engineered to withstand modern manufacturing processes, specifically reflow soldering.
* **Size:** Compact footprint (approx. 9mm x 9mm or smaller depending on the specific series iteration).
* **Acoustic Hole:** The "R" in the suffix often refers to a **Side Sound Port** or a specific **Reel** packaging configuration for automated pick-and-place machines.
* **Diaphragm:** A metal plate that vibrates when an oscillating magnetic field is applied.
---
### 3. Electronic Operation Principle
Unlike an active buzzer (which has an internal oscillator), the APTE-2121-R is a **passive transducer**.
1. **Input Signal:** It requires an external square wave frequency (typically 2.7 kHz) to produce sound.
2. **Electromagnetism:** Current flows through an internal coil, creating a magnetic field.
3. **Vibration:** This field interacts with a permanent magnet to move a metallic diaphragm up and down at the input frequency.
4. **Audio Output:** The air displacement caused by the diaphragm creates the audible "beep."
---
### 4. Typical Applications
* **Portable Devices:** Handheld scanners, glucose meters, and POS terminals.
* **Home Appliances:** Microwave oven timers and washing machine cycle alerts.
* **Automotive:** Dashboard alerts or indicator feedback.
---
### 5. Circuit Integration Example
To drive this component using a microcontroller (like an Arduino or ESP32), a simple transistor switching circuit is recommended to protect the MCU pins from the current draw.
```cpp
// Simple Arduino example to drive the transducer
const int buzzerPin = 9; // Connected to base of a NPN transistor
void setup() {
pinMode(buzzerPin, OUTPUT);
}
void loop() {
// Generate a 2.7kHz tone (The resonant frequency of APTE-2121-R)
tone(buzzerPin, 2700);
delay(500);
noTone(buzzerPin);
delay(1000);
}
```
- ⤷
What is the difference between an active buzzer and a passive transducer like the APTE-2121-R?
- ⤷ What type of transistor is best suited for driving this component?
- ⤷ Can this component produce polyphonic music or just monophonic tones?