APTE-5111-R
AI

### APTE-5111-R: Electronic Parts and Specifications
The **APTE-5111-R** is an **Electro-Magnetic Transducer (Buzzer)** designed for surface mount (SMD) applications. It is widely used in consumer electronics, medical devices, and industrial equipment for audible notifications.
---
### 1. Key Technical Specifications
The performance of the APTE-5111-R is defined by its electrical input and acoustic output requirements:
| Feature | Specification |
| :--- | :--- |
| **Rated Voltage** | 3.6 Vo-p |
| **Operating Voltage** | 2.5 ~ 4.5 Vo-p |
| **Mean Current** | Max. 100 mA |
| **Sound Pressure Level (SPL)** | Min. 85 dB (at 10cm) |
| **Resonant Frequency** | 2,700 Hz |
| **Operating Temperature** | -30°C to +70°C |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Internal Electronic Components
The APTE-5111-R is a **passive transducer**, meaning it does not have a built-in oscillation circuit. It requires an external square wave signal to operate. Its internal construction consists of:
* **Electromagnet (Coil):** A copper wire coil wrapped around a core. When current passes through, it generates a magnetic field.
* **Permanent Magnet:** Provides a static magnetic field that interacts with the electromagnet.
* **Vibrating Diaphragm:** A thin metal plate (usually iron or a magnetic alloy) that is physically moved by the alternating magnetic fields.
* **Housing:** A heat-resistant LCP (Liquid Crystal Polymer) plastic case designed to withstand reflow soldering temperatures.
---
### 3. Circuit Integration
Since this is a passive component, the electronic design must include a driving circuit.
#### Drive Circuit Requirements:
* **Signal Type:** Square Wave (50% Duty Cycle).
* **Frequency:** Should be set to the resonant frequency (**2,700 Hz**) for maximum volume.
* **Switching Component:** Typically driven by an NPN transistor or a MOSFET controlled by a Microcontroller (MCU) PWM pin.
* **Protection:** A flyback diode is often recommended in parallel with the transducer to protect the switching transistor from inductive voltage spikes.
```c
// Example Pseudocode for driving the buzzer (2700Hz)
void setup() {
pinMode(BUZZER_PIN, OUTPUT);
}
void loop() {
// Generate 2700Hz tone
tone(BUZZER_PIN, 2700);
delay(500);
noTone(BUZZER_PIN);
delay(500);
}
```
---
### 4. Application Considerations
* **Soldering:** Being an "R" suffix part (RoHS compliant), it is designed for lead-free reflow soldering.
* **Polarity:** The device is polarized. The positive (+) terminal must be connected to the driving source correctly to ensure the diaphragm moves in the intended direction for optimal sound.
---
- ⤷
What is the difference between a passive transducer like the APTE-5111-R and an active buzzer?
- ⤷ Can this buzzer be driven directly from a microcontroller pin without a transistor?
- ⤷ How does the duty cycle affect the sound pressure level of this component?