APTE-5122-R
AI

The **APTE-5122-R** is a high-performance, surface-mount (SMT) piezoelectric transducer designed primarily for audio signaling in compact electronic devices. It is manufactured by brands like **Mallory Sonalert Products**.
---
### 1. Technical Specifications
The following table summarizes the core electronic and physical characteristics of the APTE-5122-R:
| Parameter | Specification |
| :--- | :--- |
| **Technology** | Piezoelectric (External Drive) |
| **Sound Pressure Level (SPL)** | 80 dB @ 10cm |
| **Rated Voltage** | 3.0 Vp-p (Square Wave) |
| **Operating Voltage Range** | 1.0 ~ 25.0 Vp-p |
| **Resonant Frequency** | 4000 ± 500 Hz |
| **Capacitance** | 12,000 pF ± 30% @ 120Hz |
| **Mounting Type** | Surface Mount (SMT) |
| **Current Consumption** | 3 mA (Max) |
---
### 2. Key Electronic Components & Design
The device is an **External Drive** transducer, meaning it does not contain an internal oscillation circuit. To function, it requires an external AC signal (usually a square wave).
* **Piezoelectric Element:** Consists of a ceramic disc bonded to a metal diaphragm. When a voltage is applied, the ceramic deforms, causing the diaphragm to vibrate and create sound waves.
* **Housing:** High-temperature plastic (LCP - Liquid Crystal Polymer) designed to withstand lead-free reflow soldering processes.
* **Electrodes:** Silver or gold-plated pads on the bottom of the unit for SMT integration.
---
### 3. Application Circuit Example
Because it is an external drive type, it is often driven by a microcontroller (MCU) through a transistor or a MOSFET to handle the voltage peaks.
```cpp
// Example: Driving a Piezo at Resonant Frequency (4kHz)
void setup() {
pinMode(9, OUTPUT); // Connect to Transistor driving the APTE-5122-R
}
void loop() {
tone(9, 4000); // Generate 4kHz square wave
delay(500); // Beep for 0.5s
noTone(9); // Silence
delay(500);
}
```
---
### 4. Comparison with Magnetic Buzzers
The APTE-5122-R (Piezo) differs significantly from magnetic buzzers:
1. **Current Draw:** Piezos like the 5122-R use very little current (3mA) compared to magnetic buzzers (30mA+).
2. **Voltage:** It can handle much higher peak-to-peak voltages (up to 25V) for louder output.
3. **Frequency:** It is optimized for a high pitch (4kHz), which is very "piercing" and good for alarms.
- ⤷
How do I calculate the volume (SPL) if I increase the input voltage to 10V?
- ⤷ What is the recommended reflow soldering profile for this SMT part?
- ⤷ Can this transducer play complex melodies or just simple tones?