APTE-6112-R
AI

The **APTE-6112-R** is a specific electronic component primarily used in consumer electronics, industrial interfaces, and communication devices. It is a **Tactile Switch** (also known as a momentary push-button switch).
---
## 1. Component Overview
The APTE-6112-R is a surface-mount device (SMD) designed to provide physical feedback to a user when a button is pressed. It is engineered for durability and high-density PCB mounting.
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Circuit** | SPST-NO (Single Pole Single Throw - Normally Open) |
| **Actuator Style** | Standard Round Plunger |
| **Contact Rating** | Typically 50mA @ 12VDC |
| **Operating Force** | 160gf (grams-force) ± 50gf |
| **Travel distance** | 0.25mm |
| **Operating Life** | ~100,000 Cycles |
---
## 2. Internal Construction
The "Electronic Parts" of this switch consist of four primary elements:
1. **The Contact Dome:** A stainless steel or copper alloy disc. When pressed, it collapses to bridge the gap between two terminals, completing the circuit.
2. **Terminals:** Usually silver-plated or gold-plated brass for high conductivity and oxidation resistance during soldering.
3. **Base/Housing:** Made of high-temperature thermoplastic (like LCP or Nylon) to withstand reflow soldering temperatures.
4. **Actuator (Stem):** The physical part the user pushes, which transfers the force to the internal dome.
---
## 3. Electrical Characteristics
* **Contact Resistance:** Usually less than $100m\Omega$.
* **Insulation Resistance:** Minimum $100M\Omega$ at 100VDC.
* **Dielectric Strength:** Capable of withstanding 250VAC for one minute without breakdown.
* **Bounce Time:** Maximum 10ms (the time it takes for the signal to stabilize after the physical press).
---
## 4. Application Examples
The APTE-6112-R is commonly integrated into the following systems:
* **Computer Peripherals:** Reset buttons or mode selectors.
* **Handheld Devices:** Power buttons or volume controls.
* **Home Appliances:** Control panels for microwave ovens or washing machines.
* **Medical Equipment:** Interface buttons on monitoring devices.
---
- ⤷
What are the physical dimensions of the APTE-6112-R?
- ⤷ What is the recommended soldering profile for this SMD switch?
- ⤷ Are there waterproof versions of this specific tactile switch series?