Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • APTGF200U120DG

  • AI
    The **APTGF200U120DG** is a high-power IGBT (Insulated Gate Bipolar Transistor) module manufactured by Microsemi (now part of Microchip Technology). It is designed for high-voltage and high-current switching applications, specifically utilizing a "Series Diode" or "Chopper" configuration. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Transistor Type** | N-Channel IGBT | | **Voltage (Vces)** | 1200 V | | **Current (Ic)** | 200 A (at Tc = 80°C) | | **Gate-Emitter Voltage (Vge)** | ±20 V | | **Switching Frequency** | Up to 20 kHz | | **Package Type** | SP6 (Low Profile) | --- ### 2. Internal Components & Configuration The "U" in the part number indicates a **Series Diode** configuration. This module typically consists of: 1. **N-Channel IGBT:** The primary switching element that combines the high input impedance of a MOSFET with the low saturation voltage of a bipolar transistor. 2. **Fast Recovery Diode (FRED):** An integrated diode with very low reverse recovery time ($t_{rr}$), which minimizes switching losses and protects the IGBT from voltage spikes. 3. **NTC Thermistor:** An internal temperature sensor that allows the system controller to monitor the module's heat and trigger thermal protection if necessary. --- ### 3. Core Features * **Trench & Field Stop Technology:** This architecture provides a low collector-emitter saturation voltage ($V_{CE(on)}$), which reduces conduction losses. * **Low Inductance Package:** The SP6 package is designed to minimize internal parasitic inductance, allowing for faster switching and reduced electromagnetic interference (EMI). * **Isolated Baseplate:** The internal components are electrically isolated from the metal baseplate, allowing multiple modules to be mounted on a single heatsink without short-circuiting. --- ### 4. Common Applications Due to its high power handling capabilities, this module is found in: * **Solar Inverters:** Converting DC from panels to AC for the grid. * **Motor Drives:** Controlling high-power industrial motors (AC/DC). * **Uninterruptible Power Supplies (UPS):** Managing power backup for data centers. * **Welding Equipment:** Providing the high current required for arc welding. --- ### 5. Pinout Diagram (Simplified) ```text Terminal 1: Collector Terminal 2: Emitter Terminal 3: Gate (Control Signal) Terminal 4/5: NTC Thermistor ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the '120' in the part number APTGF200U120DG?
    • ⤷ How does the NTC thermistor inside this module assist in circuit protection?
    • ⤷ What are the advantages of using an SP6 package over standard TO-247 packages?