AR06-HGL-TT-R
AI

## Electronic Specifications of AR06-HGL-TT-R
The **AR06-HGL-TT-R** is a specific electronic component, typically categorized as a high-precision, thin-film chip resistor manufactured by **Susumu**. These resistors are widely used in automotive, medical, and industrial electronics due to their high stability and reliability.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Case Size** | 0603 (Inch) / 1608 (Metric) | Dimensions: 1.6mm x 0.8mm |
| **Technology** | Thin Film | Metal film on ceramic substrate for low noise |
| **Resistance Range** | Varies by sub-series | Typically ranges from $10\Omega$ to $1M\Omega$ |
| **Tolerance** | $\pm0.1\%$ to $\pm0.5\%$ | High precision for signal processing |
| **Power Rating** | 1/10 W (0.1W) | Standard power dissipation for 0603 size |
| **Temp. Coefficient (TCR)** | $\pm10$ to $\pm25$ ppm/°C | Low drift across temperature changes |
| **Compliance** | AEC-Q200 | Automotive grade reliability |
---
### 2. Breakdown of Part Number Suffixes
The suffixes provide critical information regarding the performance and environment:
* **HGL**: Often denotes a specific series (e.g., RG or AR series) focused on sulfur resistance and high reliability under harsh environments.
* **TT**: Refers to the packaging style, usually **Tape and Reel** (T&R).
* **R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 3. Electronic Behavior and Applications
Thin film resistors like the AR06-HGL-TT-R exhibit specific electronic behaviors that distinguish them from cheaper Thick Film resistors:
#### Advantages
1. **Low Noise:** Due to the homogeneous nature of the thin film, it produces very little current noise.
2. **High Frequency Performance:** Low internal inductance and capacitance, making it suitable for high-speed circuits.
3. **Sulfur Resistance:** The "HGL" designation typically ensures the internal electrodes are protected against sulfuration, preventing open-circuit failures in polluted environments.
#### Typical Circuits
* **A/D and D/A Converters:** Where precision voltage division is required.
* **Operational Amplifier Circuits:** For setting exact gain levels.
* **Automotive ECUs:** Used in engine control units where heat and vibration are prevalent.
---
### 4. Comparison Table: Thin Film vs. Thick Film
| Feature | AR06 (Thin Film) | Standard Thick Film |
| :--- | :--- | :--- |
| **Precision** | Very High ($\pm0.1\%$) | Low to Medium ($\pm1\% - 5\%$) |
| **Stability** | Excellent | Moderate |
| **Cost** | Higher | Lower |
| **Noise Level** | Very Low | High |
- ⤷
What is the exact resistance value for the AR06-HGL-TT-R variant I am looking at?
- ⤷ Can this resistor be used in high-temperature automotive applications?
- ⤷ What are the footprint dimensions for PCB layout design?