ARB-1114-R/BL
AI

The **ARB-1114-R/BL** is a specialized electronic component, typically categorized as a **Bar Graph Array** or a **Multi-Segment LED Display**. These are commonly used in industrial panels, audio equipment, and diagnostic tools to represent levels (such as volume, temperature, or battery life).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Core Technical Specifications
The "R/BL" suffix generally denotes the color scheme of the LEDs: **R** (Red) and **BL** (Blue or Bright/Low variant depending on the manufacturer).
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Component Type** | LED Bar Graph | - |
| **Number of Segments** | 10 to 14 (Model dependent) | Segments |
| **Forward Voltage ($V_f$)** | 2.0V (Red) / 3.3V (Blue) | Volts |
| **Forward Current ($I_f$)** | 20 | mA per segment |
| **Configuration** | Common Anode or Common Cathode | - |
| **Operating Temperature** | -25°C to +85°C | Celsius |
---
## 2. Electronic Structure and Pinout
The device consists of an array of individual Light Emitting Diodes (LEDs) housed in a single rectangular package.
### Internal Wiring
* **Individual Control:** Each segment has its own dedicated anode or cathode pin, allowing for independent control via a microcontroller or a driver IC.
* **DIP Packaging:** Usually comes in a Dual In-line Package (DIP) for easy mounting on PCBs or breadboards.
### Circuit Diagram Representation
To light a specific segment, the circuit must follow this basic logic:
```text
[VCC] ---> [Resistor] ---> [LED Segment] ---> [Ground/MCU Pin]
```
---
## 3. Key Features
* **Uniformity:** The segments are calibrated to ensure equal brightness across the entire bar, preventing "hot spots."
* **End-Stackable:** The physical design allows multiple units to be placed side-by-side to create longer displays (e.g., 20 or 30 segments).
* **High Contrast:** Usually features a black or grey face film to improve the visibility of the LEDs in bright environments.
---
## 4. Recommended Driver ICs
To control an ARB-1114-R/BL without using too many GPIO pins on a microcontroller, the following integrated circuits are commonly used:
1. **LM3914:** A dot/bar display driver that senses analog voltage levels.
2. **MAX7219:** A serial input/output common-cathode display driver (SPI-based).
3. **74HC595:** A Shift Register used to expand digital outputs to drive each segment.
---
- ⤷
What is the pinout configuration for the ARB-1114-R/BL?
- ⤷ How do I calculate the current-limiting resistor for the Red vs Blue segments?
- ⤷ Can this component be driven directly by an Arduino or ESP32?