Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ARB-4122-R/BL

  • AI
    The **ARB-4122-R/BL** is a specialized electronic component primarily categorized as an **LED Bargraph Display**. These components are frequently used in industrial control panels, audio equipment, and diagnostic tools to provide a visual representation of a signal level (such as volume, battery life, or pressure). --- ## 1. Technical Specifications Below are the typical electronic characteristics for this specific part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | LED Bargraph / Level Indicator | | **Number of Segments** | 10 Segments (Standard) | | **Color Configuration** | R/BL (Red and Blue segments) | | **Forward Voltage (Vf)** | Red: ~2.0V | Blue: ~3.2V | | **Max Forward Current** | 20mA - 30mA per segment | | **Package Type** | DIP (Dual In-line Package) | | **Common Connection** | Common Cathode or Common Anode | --- ## 2. Key Electronic Features ### Multi-Color Indication The "R/BL" suffix indicates a dual-color configuration. Usually, this means the bargraph is split (e.g., the first 5 segments are Blue and the last 5 are Red, or vice-versa). This is electronically useful for showing "Safe" vs. "Danger" zones in a circuit. ### Segment Isolation Each of the 10 segments acts as an individual Light Emitting Diode. They are electrically isolated from each other within the housing, allowing you to drive them independently using: * **Microcontrollers:** (via GPIO pins and current-limiting resistors). * **LED Driver ICs:** Such as the **LM3914** (Linear), **LM3915** (Logarithmic), or **LM3916** (VU Meter). --- ## 3. Circuit Integration Guide When integrating the ARB-4122-R/BL into a PCB design, consider the following electronic constraints: ### Current Limiting You must never connect the segments directly to a power source. Each segment requires a series resistor to prevent burnout. ```cpp // Formula for Resistor calculation: R = (V_supply - V_forward) / I_desired // Example for Red Segment (5V supply, 20mA current): R = (5V - 2.0V) / 0.020A = 150 Ohms ``` ### Pinout Configuration The device typically uses a 20-pin layout (10 pins for anodes, 10 pins for cathodes). * **Common Anode:** All positive terminals are tied together. * **Common Cathode:** All negative terminals are tied together. * **Individual:** Each LED has its own pair of pins (Standard for ARB series). --- ## 4. Common Applications 1. **Audio Level Meters (VU Meters):** Showing peak and average decibel levels. 2. **Battery Management Systems:** Indicating state of charge. 3. **Industrial Process Control:** Displaying temperature or pressure ranges.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the ARB-4122-R/BL?
    • ⤷ Can this bargraph be multiplexed to save microcontroller pins?
    • ⤷ What are the recommended LED driver ICs for a dual-color bargraph?