AS-M15KA-R
AI

The **AS-M15KA-R** is a specific electronic component, typically identified as a **NTC (Negative Temperature Coefficient) Thermistor** produced by manufacturers like SEMITEC or similar thermal sensor specialists.
Below is a detailed breakdown of its technical specifications and characteristics.
---
### 1. General Specifications
The AS-M15KA-R is designed for temperature sensing, compensation, and control. Its resistance decreases as the temperature increases.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Part Type** | NTC Thermistor |
| **Resistance at 25°C ($R_{25}$)** | 15 kΩ |
| **Tolerance** | ±5% or ±10% (Depending on suffix) |
| **B-Value ($25/85$)** | Approx. 3435K to 3950K (Variant dependent) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) or Radial Lead (Check physical package) |
---
### 2. Key Features
* **High Sensitivity:** Small changes in temperature result in large changes in electrical resistance, making it ideal for precision sensing.
* **Stability:** Designed for long-term electrical stability in various environments.
* **Fast Response:** Due to its small thermal mass, it reacts quickly to environmental changes.
* **RoHS Compliant:** Leads and coatings are environmentally friendly and lead-free.
---
### 3. Circuit Application
In most electronic designs, the AS-M15KA-R is used in a **Voltage Divider** configuration to convert temperature into a measurable voltage for a Microcontroller (MCU).
#### Example Circuit Logic:
```cpp
// Basic conversion logic for an Arduino/MCU
float resistance = seriesResistor / (1023.0 / analogRead(tempPin) - 1.0);
float logR = log(resistance);
float tempK = 1 / (A + B * logR + C * pow(logR, 3)); // Steinhart-Hart Equation
float tempC = tempK - 273.15;
```
---
### 4. Common Use Cases
1. **Battery Packs:** Monitoring cell temperature during charging/discharging cycles to prevent thermal runaway.
2. **HVAC Systems:** Airflow temperature measurement in air conditioning units.
3. **Consumer Electronics:** Overheat protection in power supplies and laptops.
4. **Automotive:** Cabin temperature sensing and engine coolant monitoring (if encapsulated).
---
### 5. Part Number Breakdown (Generic)
* **AS:** Often refers to the series or manufacturer code (e.g., Automotive/Standard).
* **M:** May indicate the tolerance or material constant.
* **15K:** Indicates the nominal resistance value (15,000 Ohms).
* **A-R:** Refers to the packaging type (e.g., "R" for Tape & Reel).
- ⤷
What is the exact B-value for the AS-M15KA-R for Steinhart-Hart calculations?
- ⤷ Is this component available in an 0603 or 0805 SMD package?
- ⤷ How does the resistance-temperature curve differ from a PT100 sensor?