AI

## Technical Overview: AS01308MR-2-R
The **AS01308MR-2-R** is a high-performance, miniature dynamic speaker manufactured by **PUI Audio**. It is part of the "Mobile Series," designed specifically for compact electronic devices where space is limited but audio clarity is required.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Transducer Type** | Dynamic Speaker |
| **Impedance** | 8 Ohms ± 15% |
| **Rated Power** | 0.5 Watts |
| **Maximum Power** | 0.8 Watts |
| **Frequency Range** | 500 Hz ~ 20,000 Hz |
| **Sound Pressure Level (SPL)** | 84 dB @ 0.5W, 0.1m |
| **Dimensions** | 13mm (Diameter) x 3.5mm (Height) |
| **Mounting Type** | Surface Mount / Lead Wire |
---
### 2. Physical Construction & Materials
The speaker is built with specific materials to ensure longevity and performance in small form factors:
* **Magnet:** Neodymium (NdFeB). This provides a strong magnetic field relative to its size, allowing for high sensitivity in a thin profile.
* **Diaphragm:** Typically made of Mylar (Polyethylene Terephthalate) or similar lightweight polymer to allow for fast response times and high-frequency reproduction.
* **Frame:** High-temperature plastic/metal housing designed to withstand standard soldering temperatures.
---
### 3. Features and Benefits
* **Compact Form Factor:** With a diameter of only 13mm and a thickness of 3.5mm, it is ideal for wearables and handheld devices.
* **Broad Frequency Response:** Unlike simple buzzers, this is a full-range speaker capable of reproducing voice and music from 500 Hz up to 20 kHz.
* **RoHS Compliant:** Meets environmental standards for lead-free electronic components.
* **High Efficiency:** The 84 dB sensitivity ensures audible output even with low-power battery-operated circuits.
---
### 4. Common Applications
Due to its size and audio fidelity, the AS01308MR-2-R is frequently found in:
1. **IoT Devices:** Smart home sensors and hubs requiring voice prompts.
2. **Medical Wearables:** Blood pressure monitors or glucose meters with audio feedback.
3. **PDAs and Handhelds:** Portable scanners and GPS units.
4. **Security Products:** Alarm panels and two-way communication intercoms.
---
### 5. Implementation Example (Basic Driving Circuit)
To drive this speaker using a microcontroller (like an Arduino or ESP32), a simple transistor or a Class-D amplifier is required.
```cpp
// Example: Generating a 1kHz tone for a notification
int speakerPin = 9; // Connected to a transistor driving the speaker
void setup() {
pinMode(speakerPin, OUTPUT);
}
void loop() {
tone(speakerPin, 1000); // Send 1KHz sound signal
delay(500);
noTone(speakerPin); // Stop sound
delay(1000);
}
```
- ⤷
What are the recommended enclosures for maximizing the SPL of this speaker?
- ⤷ How does Neodymium compare to Ferrite magnets in these miniature speakers?
- ⤷ Can this speaker be used with a standard PAM8403 amplifier module?