AS01508MS-SP15-WP-R
AI

## Overview of AS01508MS-SP15-WP-R
The **AS01508MS-SP15-WP-R** is a specialized micro-speaker manufactured by **PUI Audio**. It is designed for compact electronic devices requiring moisture protection and high-quality sound output in a small footprint.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Speaker Type** | Dynamic, Micro |
| **Impedance** | 8 Ohms ± 15% |
| **Rated Power** | 0.8 Watts |
| **Maximum Power** | 1.0 Watts |
| **Sound Pressure Level (SPL)** | 88 dB @ 0.1W / 0.1M |
| **Resonant Frequency (Fo)** | 500 Hz |
| **Frequency Range** | 500 Hz ~ 20,000 Hz |
| **Ingress Protection** | IP67 (Waterproof) |
---
### 2. Physical Design and Construction
The "WP" in the part number signifies its **Waterproof** rating. This is achieved through specific material choices:
* **Diaphragm Material:** Usually Mylar or a specialized polymer that resists water absorption and pressure.
* **Housing:** A rectangular or square frame designed for surface mounting or specific enclosure integration.
* **Termination:** Lead wires (pre-soldered) for easy connection to a PCB or wiring harness.
* **Dimensions:** It is a small-form-factor speaker, typically used where internal space is at a premium.
---
### 3. Common Applications
Due to its IP67 rating and compact size, this speaker is frequently found in:
1. **Handheld Devices:** Two-way radios, scanners, and GPS units.
2. **IoT Hardware:** Outdoor smart home devices (doorbells, sensors).
3. **Medical Equipment:** Portable monitors that require cleaning or exposure to fluids.
4. **Wearables:** Specialized industrial wearable tech.
---
### 4. Part Number Breakdown
Understanding the PUI Audio naming convention for this part:
* **AS:** Audio Speaker.
* **015:** Refers to the physical size (approx. 15mm).
* **08:** 8 Ohm Impedance.
* **MS:** Micro Speaker series.
* **WP:** Waterproof (IP67).
* **R:** RoHS Compliant.
---
- ⤷
What are the recommended mounting techniques to maintain the IP67 waterproof rating?
- ⤷ How does the resonant frequency (Fo) affect the audio quality in small enclosures?
- ⤷ Are there alternative impedances available for this specific PUI Audio series?