AI

The **AS02508CO-2-WR-R** is a high-performance, micro-dynamic speaker manufactured by **PUI Audio**. It is part of their "Copper" series, designed for applications requiring high-fidelity sound in a very compact footprint.
---
### ## Technical Specifications
Below are the primary electronic and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Speaker Type** | Dynamic, Permanent Magnet |
| **Impedance** | 8 Ohms (±15%) |
| **Rated Power** | 2.0 Watts |
| **Maximum Power** | 3.0 Watts |
| **Frequency Range** | 200 Hz ~ 20,000 Hz |
| **Sensitivity (SPL)** | 82 dB @ 1W / 0.5m |
| **Resonant Frequency** | 500 Hz (±20%) |
| **Termination** | Wire Leads (150mm length) |
| **Dimensions** | 25mm x 25mm x 12mm |
---
### ## Key Electronic Components & Materials
1. **Voice Coil:**
* Constructed with precision-wound copper wire.
* The 8-ohm impedance makes it compatible with most standard Class-D audio amplifiers.
2. **Magnet System:**
* Uses a **NdFeB (Neodymium Iron Boron)** magnet.
* This material provides a high magnetic flux density, allowing the speaker to produce high sound pressure levels (SPL) despite its small size.
3. **Diaphragm/Cone:**
* Typically made of treated paper or high-grade polymers to ensure durability and clear frequency response across the vocal range.
4. **Enclosure/Frame:**
* Constructed from heat-resistant plastics (ABS or similar) to withstand industrial environments.
---
### ## Usage Considerations
* **Polarity:** The device features color-coded wire leads (typically Red for positive, Black for negative) to ensure correct phase alignment in multi-speaker setups.
* **Protection:** Since it is an open-frame dynamic speaker, it requires an external housing or baffle to prevent "acoustic short-circuiting" and to protect the diaphragm from physical damage.
* **Applications:** Ideal for IoT devices, security systems, scanners, and medical instrumentation where space is limited but clear audio feedback is required.
---
### ## Wiring Logic
```cpp
// Example: Driving the speaker via a Microcontroller & Transistor (Basic PWM)
// Note: Use a low-pass filter or dedicated Audio Amp for Hi-Fi results.
const int speakerPin = 9; // PWM Output
void setup() {
pinMode(speakerPin, OUTPUT);
}
void playTone(int freq, int duration) {
tone(speakerPin, freq, duration);
delay(duration);
}
```
- ⤷
What are the recommended mounting techniques for the AS02508CO-2-WR-R?
- ⤷ Does this speaker require a specific audio amplifier class for optimal performance?
- ⤷ How does the frequency response curve look for this specific PUI Audio model?