AI

## AS03508CO-5-R Technical Overview
The **AS03508CO-5-R** is a high-quality miniature speaker manufactured by **PUI Audio**. It is part of their "Copper" series, designed for applications requiring a slim profile without sacrificing acoustic performance.
### 1. Key Technical Specifications
The following table outlines the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Speaker Type** | Dynamic, Permanent Magnet |
| **Impedance** | 8 Ohms (±15%) |
| **Rated Power** | 0.5 Watts |
| **Maximum Power** | 0.8 Watts |
| **Frequency Range** | 500 Hz ~ 20,000 Hz |
| **Sound Pressure Level (SPL)** | 84 dB @ 0.5W, 10cm |
| **Resonant Frequency (Fo)** | 500 Hz (±20%) |
| **Dimensions** | 35mm x 20mm x 5.1mm |
---
### 2. Component Composition and Materials
The AS03508CO-5-R is constructed with specific materials to ensure longevity and sound clarity:
* **Magnet Material:** Neodymium (NdFeB). This allows for a very strong magnetic field in a small footprint, increasing efficiency.
* **Diaphragm:** Typically a cloth or polymer blend, designed for linear movement.
* **Frame:** Metal (Steel) housing provides structural rigidity and EMI shielding.
* **Termination:** Solder pads for direct wire connection.
---
### 3. Application Use Cases
Due to its rectangular shape and low profile (5.1mm depth), this part is commonly used in:
1. **Handheld Devices:** Scanners, GPS units, and portable medical monitors.
2. **IoT Hardware:** Smart home hubs or security panels where space is constrained.
3. **Industrial Equipment:** User interface feedback (beeps/voice prompts) for control panels.
---
### 4. Integration Considerations
When designing a PCB or enclosure for this speaker, keep the following in mind:
* **Enclosure Tuning:** To achieve the best bass response (closer to the 500Hz resonance), the speaker should be mounted in a sealed or ported "back box" to prevent acoustic short-circuiting.
* **Polarity:** Ensure correct wiring to the (+) and (-) pads to maintain phase consistency, especially if using multiple speakers.
* **Drive Circuitry:** Use a Class-D or Class-AB audio amplifier capable of driving an 8-ohm load at 0.5W.
- ⤷
What are the recommended mounting methods for the AS03508CO-5-R?
- ⤷ How does the sound pressure level (SPL) change if the power is reduced to 0.1W?
- ⤷ Are there waterproof or IP-rated alternatives to this specific model?