AS04004PO-2-R
AI

The **AS04004PO-2-R** is a high-quality, miniature speaker manufactured by **PUI Audio**. It is specifically designed for applications where space is limited but clear sound reproduction is required, such as in handheld devices, scanners, and small electronics.
---
### 1. Technical Specifications
The following table highlights the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Speaker Type** | Dynamic, Permanent Magnet |
| **Impedance** | 4 Ohms (±15%) |
| **Rated Power** | 0.5 Watts |
| **Maximum Power** | 0.8 Watts |
| **Frequency Range** | 500 Hz ~ 20,000 Hz |
| **Sound Pressure Level (SPL)** | 84 dB @ 0.1W / 0.1M |
| **Resonant Frequency (Fo)** | 500 Hz (±20%) |
| **Dimensions** | 40mm x 28.5mm x 11.5mm |
| **Mounting Type** | Flange Mount / Surface |
---
### 2. Physical Construction
The "R" suffix in the part number often indicates RoHS compliance. The internal construction includes:
* **Magnet Material:** Typically Neodymium (NdFeB), providing high magnetic flux in a small footprint.
* **Diaphragm:** Often made of Paper or Mylar (Polyethylene Terephthalate) depending on the specific environmental rating, providing a balance between weight and stiffness.
* **Frame:** Durable plastic or metal housing with integrated mounting holes for easy installation.
---
### 3. Connection and Integration
Integrating this part into a circuit typically requires an audio amplifier circuit. Below is a simple conceptual representation of how it fits into an electronic system:
```text
[Audio Source] -> [Pre-Amplifier/DAC] -> [Class D Amplifier] -> [AS04004PO-2-R]
|
(Powered by 3.3V-5V)
```
**Key Considerations for Design:**
* **Amplifier Matching:** Ensure your amplifier is rated for a **4 Ohm load**. Using an amplifier designed only for 8 Ohms may cause the amplifier to overheat.
* **Polarity:** The terminals are usually marked with (+) and (-) signs. Correct polarity is essential to ensure the speaker moves "outward" on the positive cycle, preventing phase cancellation in multi-speaker setups.
* **Enclosure:** To achieve the best bass response and prevent acoustic short-circuiting, this speaker should be mounted in a sealed or ported enclosure.
---
### 4. Common Applications
* **Handheld Scanners:** Providing audible feedback for barcode reads.
* **Medical Instruments:** Alarm signals and voice prompts.
* **IoT Devices:** Smart home hubs and notification systems.
* **Kiosks:** Low-power audio instructions.
- ⤷
What is the difference between the 4 Ohm and 8 Ohm versions of this speaker series?
- ⤷ Does this speaker require a specific enclosure volume for optimal sound?
- ⤷ What are the recommended Class D amplifier ICs to pair with a 0.5W 4 Ohm speaker?