AS05008MR-4-R
AI

The **AS05008MR-4-R** is a high-quality, miniature dynamic speaker manufactured by **PUI Audio**. It is part of their "Mobile Series," designed for compact electronic devices where space is limited but clear audio output is required.
---
### ## Technical Specifications
The following table summarizes the key electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Speaker Type** | Dynamic, Permanent Magnet |
| **Impedance** | 8 Ohms (±15%) |
| **Rated Input Power** | 0.5 Watts (0.5W) |
| **Maximum Input Power** | 0.8 Watts (0.8W) |
| **Sound Pressure Level (SPL)** | 86 dB @ 0.5W / 0.1M |
| **Resonant Frequency (Fo)** | 500 Hz (±20%) |
| **Frequency Range** | 500 Hz ~ 20,000 Hz |
| **Diaphragm Material** | Mylar (PET) |
| **Weight** | ~1.6 grams |
---
### ### Key Internal Components
1. **Mylar Diaphragm:** The "MR" in the part number often signifies a Mylar cone. Mylar is moisture-resistant and durable, making it ideal for portable or outdoor electronics.
2. **Neodymium Magnet:** It utilizes a high-strength NdFeB (Neodymium) magnet to achieve high sensitivity and SPL despite its small physical footprint.
3. **Voice Coil:** A precision-wound copper coil attached to the diaphragm that interacts with the magnetic field to create sound waves.
---
### ### Physical Dimensions & Mounting
* **Diameter:** 50mm (Approx. 2 inches).
* **Depth/Height:** Very slim profile (typically around 8mm), designed for low-profile enclosures.
* **Termination:** Usually features solder pads for direct wire attachment or spring contacts depending on the specific revision.
---
### ### Common Applications
Due to its 8-ohm impedance and 0.5W power rating, this speaker is frequently found in:
* **Handheld Radios:** Walkie-talkies and scanners.
* **Medical Devices:** Monitoring equipment and glucose meters (for alerts/beeps).
* **IoT Devices:** Smart home hubs or security panels.
* **Industrial Panels:** Interface feedback and alarms.
---
### ### Integration Tips
When designing a circuit for the AS05008MR-4-R, consider the following:
* **Amplifier Matching:** Use a Class D audio amplifier for high efficiency in battery-powered designs.
* **Enclosure Design:** Since this is a dynamic speaker, mounting it in a "baffle" or sealed back-box will significantly improve the bass response and prevent phase cancellation.
* **DC Blocking:** Ensure your drive circuit includes a coupling capacitor to prevent DC current from heating up the voice coil.
- ⤷What is the difference between the AS05008MR-4-R and the 4-ohm version?
- ⤷ How does the Mylar diaphragm affect the IP rating of the device?
- ⤷ Can this speaker be used with an Arduino or ESP32 directly?