AI

The **AS09008PO-2-WR-R** is a high-performance, water-resistant micro speaker manufactured by **PUI Audio**. It is part of their "AS" series, designed for applications where space is limited but high sound pressure levels and environmental durability are required.
---
### 1. Key Specifications
Below are the primary electronic and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Speaker Type** | Dynamic, Permanent Magnet |
| **Impedance** | 8 Ohms ± 15% |
| **Rated Input Power** | 1.0 Watt |
| **Maximum Input Power** | 1.2 Watts |
| **Resonant Frequency (Fo)** | 500 Hz ± 20% |
| **Sound Pressure Level (SPL)** | 82 dB ± 3dB @ 0.1W/0.1M |
| **Frequency Range** | 500 Hz ~ 20,000 Hz |
| **IP Rating** | IP65 (Dust tight, water splash resistant) |
---
### 2. Physical Construction
The part number suffix provides clues about its physical build:
* **Form Factor:** Rectangular shape measuring approximately 9mm x 9mm.
* **Diaphragm:** Typically made of PEEK (Polyether ether ketone) or similar high-durability polymers to maintain acoustic integrity while resisting moisture.
* **Connection Type:** The "WR" in the suffix usually denotes **Wire Leads**. This means the speaker comes with pre-soldered wires for easy integration into a housing, rather than surface-mount pads.
* **Magnets:** Utilizes high-energy Neodymium (NdFeB) magnets to achieve high output from a tiny footprint.
---
### 3. Critical Design Considerations
When integrating the AS09008PO-2-WR-R into an electronic circuit, consider the following:
#### A. Driving the Speaker
Because it is an 8-ohm speaker, it can be driven by standard Class D or Class AB audio amplifiers. Ensure the amplifier's output does not exceed the **1.2W peak power** to prevent voice coil burnout.
#### B. Polarity
The wire leads are typically color-coded (Red for Positive, Black for Negative). Correct polarity is essential in multi-speaker setups to ensure the speakers are "in phase," preventing acoustic cancellation.
#### C. Environmental Sealing
While the speaker itself is **IP65 rated**, the integration into the device enclosure must be handled carefully. To maintain the water resistance, a gasket or adhesive seal must be used around the front face of the speaker frame.
---
### 4. Common Applications
* **Handheld Devices:** Radios, scanners, and GPS units.
* **IoT Hardware:** Smart doorbells and outdoor sensors.
* **Medical Instruments:** Portable monitors that require audible alerts and may be exposed to liquids.
* **Wearables:** Specialized industrial wearable tech.
- ⤷
How do I calculate the correct capacitor size for a high-pass filter for this speaker?
- ⤷ What are the specific dimensions and mounting footprint for the AS09008PO-2-WR-R?
- ⤷ What is the difference between IP65 and IP67 ratings for this specific speaker series?