Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AS102P-16G-RBL

  • AI
    The **AS102P-16G-RBL** is a high-performance **DDR4 SDRAM** (Synchronous Dynamic Random Access Memory) chip manufactured by **Alliance Memory**. It is designed for high-speed data transfer and is commonly used in networking equipment, industrial automation, and embedded computing systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR4 SDRAM | | **Density** | 16 Gb (Gigabits) | | **Organization** | 2G x 8 (2 Gigawords of 8 bits each) | | **Speed / Clock Frequency** | 1600 MHz (DDR4-3200) | | **Operating Voltage** | 1.2V (VDD/VDDQ) | | **Package Type** | 78-ball FBGA (Fine-pitch Ball Grid Array) | | **Temperature Range** | Industrial Grade (-40°C to +95°C) | --- ### 2. Functional Architecture The device is organized internally as a 16-bank memory (4 bank groups with 4 banks each). This architecture allows for interleaved data access, which reduces latency and increases throughput. #### Core Electronic Features: * **Differential Clocking:** Uses `CK_t` and `CK_c` signals to ensure timing precision and noise immunity at high speeds. * **Data Strobe (DQS):** Bidirectional data strobe signals are used to capture data at the receiving end, synchronized with the clock. * **On-Die Termination (ODT):** Internal resistors manage signal integrity by preventing reflections on the data bus. * **Refresh Cycles:** Supports Auto Refresh and Self Refresh modes to maintain data integrity in the capacitors. --- ### 3. Application Use Cases Because this part is rated for **Industrial Temperatures** (the "RBL" suffix often denotes specific packaging and temperature testing), it is found in: 1. **Industrial PCs:** High-reliability computing in harsh environments. 2. **Networking:** Routers and switches requiring high-density buffer memory. 3. **IoT Gateways:** Processing large streams of data before cloud transmission. 4. **Medical Equipment:** Imaging systems requiring stable, high-speed memory. --- ### 4. Part Number Decoder (Breakdown) * **AS:** Alliance Memory (Manufacturer) * **102P:** Product Family (DDR4 Series) * **16G:** 16 Gigabit Density * **R:** Speed Grade (DDR4-3200 / PC4-25600) * **B:** Package Code (78-ball FBGA) * **L:** Temperature Grade (Industrial: -40°C to +95°C)
    ✨ Follow-up Questions
    • ⤷What are the specific power consumption ratings for this chip during active operation?
    • ⤷ Is this DDR4 chip compatible with standard automotive AEC-Q100 requirements?
    • ⤷ How does the 2G x 8 organization compare to 1G x 16 in terms of performance?