Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AS20-R27K-RC

  • AI
    The **AS20-R27K-RC** is an electronic component known as a **Fixed Inductor** (specifically a Conformal Coated Inductor). It belongs to the **AS20 Series**, which are typically used for general-purpose signal processing and power management in electronic circuits. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.27 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by 'K') | | **Core Material** | Phenolic or Ferrite (depending on specific frequency needs) | | **Mounting Type** | Through-Hole (Axial Leads) | | **Coating** | Epoxy/Conformal Coated (Green/Blue insulation) | | **RoHS Status** | Compliant (Indicated by '-RC') | --- ### 2. Breakdown of the Part Number Understanding the code helps in identifying replacements or similar parts: * **AS20**: The Series name, defining the physical dimensions (usually 2.5mm x 6.5mm approx). * **R27**: The Inductance value. "R" acts as a decimal point. $0.27$ units. * **K**: Tolerance code. $K = \pm10\%$. * **RC**: RoHS Compliant (Lead-free). --- ### 3. Electronic Functions and Applications Inductors like the AS20-R27K-RC are passive components that store energy in a magnetic field. Their primary roles include: * **Filtering:** Used in low-pass filters to remove high-frequency noise from a signal or power line. * **Decoupling:** Prevents unwanted AC signals from affecting DC power supplies. * **Oscillation:** Used in LC circuits for radio frequency (RF) tuning. * **Common Applications:** * Consumer electronics (TVs, Radios). * Telecommunication equipment. * Computer peripherals and motherboards. --- ### 4. Comparison with Standard Resistors Visually, these parts look very similar to resistors (color-coded bands). However, their function is entirely different: | Feature | Inductor (AS20) | Resistor | | :--- | :--- | :--- | | **Primary Unit** | Henry (H) | Ohm (Ω) | | **Energy Action** | Stores energy in Magnetic Field | Dissipates energy as Heat | | **DC Resistance** | Very Low (Ideally 0) | Fixed Value |
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the AS20 series package?
    • ⤷ How do I read the color bands on an axial inductor?
    • ⤷ What is the maximum current rating for the 0.27uH AS20 inductor?