Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AS20-R39K-RC

  • AI
    The **AS20-R39K-RC** is a fixed surface-mount inductor (SMD) part of a series typically used in general-purpose electronic circuits. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. Technical Specifications The part number follows a standard naming convention for inductors. Here are the core parameters: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Fixed Inductor (SMD) | | **Inductance** | 0.39 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by the "K") | | **Package Size** | 0805 or 1210 (Series dependent, usually small footprint) | | **Termination** | RoHS Compliant (Indicated by "RC") | --- ### 2. Part Number Deciphering Understanding the code helps in identifying replacements or similar parts: * **AS20**: Often refers to the series name or the physical dimensions/body style of the component. * **R39**: This is the inductance value. The "R" acts as a decimal point. $R39 = 0.39 \mu H$. * **K**: Represents the tolerance code. $K = \pm 10\%$. * **RC**: Stands for "RoHS Compliant," meaning it is manufactured without hazardous substances like lead. --- ### 3. Key Characteristics * **High Self-Resonant Frequency (SRF):** Due to the low inductance value (0.39 µH), this part is designed to operate efficiently at high frequencies. * **Construction:** Typically a wire-wound or multilayer ceramic/ferrite construction, providing a balance between size and performance. * **Application:** Used primarily for signal conditioning, EMI filtering, and high-frequency decoupling. --- ### 4. Typical Applications These inductors are found in various electronic sectors: 1. **Telecommunications:** Used in RF (Radio Frequency) circuits for impedance matching. 2. **Consumer Electronics:** Found in mobile devices and tablets for power management. 3. **Computing:** Used on motherboards for noise suppression in high-speed data lines. --- ### 5. Equivalent/Substitution Guide When looking for an equivalent, ensure the following match: * **Inductance:** Must be $0.39 \mu H$. * **DC Resistance (DCR):** Ensure the replacement has an equal or lower DCR to prevent overheating. * **Current Rating ($I_{sat}$):** The replacement must handle the same or higher saturation current.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the AS20 series?
    • ⤷ How does the 'R' notation work for values above 10 microhenries?
    • ⤷ What are the common footprints for AS20-R39K-RC inductors?