Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AS213

  • AI
    Based on technical specifications, the **AS213** usually refers to a specific series of **SPDT (Single Pole Double Throw) GaAs (Gallium Arsenide) IC FET Switches**. These are commonly used in RF (Radio Frequency) applications due to their high linearity and low insertion loss. Below is a detailed breakdown of the electronic characteristics and applications of the AS213 series. --- ### 1. Technical Specifications The following table highlights the typical performance parameters of the AS213 series: | Feature | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 0.1 GHz to 3.0 GHz | | **Insertion Loss** | 0.4 dB @ 0.9 GHz | | **Isolation** | 22 dB @ 0.9 GHz | | **Control Voltage** | 0 / +3V to 0 / +5V | | **Package Type** | SOT-6 or SC-70 (Miniature) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Key Internal Components & Architecture The AS213 is an integrated circuit (IC) rather than a discrete component. Its internal structure consists of: * **GaAs FETs:** Gallium Arsenide Field-Effect Transistors are used because they handle high frequencies much better than standard silicon. * **Gate Resistors:** Integrated resistors (often around 5 kΩ) are built into the control lines to provide DC isolation. * **Switching Logic:** A reflective or non-reflective topology that determines how RF signals are routed between the "Common" port and the two "Output" ports. --- ### 3. Pin Configuration Most AS213 switches follow a standard 6-pin layout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **J1** | RF Output Port 1 | | 2 | **GND** | Ground Connection | | 3 | **J2** | RF Output Port 2 | | 4 | **V2** | Control Voltage 2 | | 5 | **Common** | RF Input/Output Port | | 6 | **V1** | Control Voltage 1 | --- ### 4. Implementation Example When designing a circuit with the AS213, DC blocking capacitors are required on all RF ports because the IC is internally biased. ```c // Example Logic Table for Switching // V1 = High, V2 = Low => Common to J1 (Path 1 Active) // V1 = Low, V2 = High => Common to J2 (Path 2 Active) ``` ### 5. Common Applications * **Mobile Handsets:** Switching between internal antennas. * **WLAN/Bluetooth:** Managing signal paths for 2.4GHz communication. * **Base Stations:** Low-power signal routing in telecommunications infrastructure. * **Test Equipment:** Signal selection in handheld RF meters. ---
    ✨ Follow-up Questions
    • ⤷What are the specific DC blocking capacitor values recommended for AS213?
    • ⤷ How does the AS213 compare to silicon-based RF switches?
    • ⤷ Can the AS213 be used for high-power transmitter switching?