AS40-R10K-RC_10
AI

The **AS40-R10K-RC** is a high-precision, industrial-grade **Single-Turn Absolute Rotary Encoder**. These devices are critical in automation for determining the exact angular position of a shaft without requiring a homing sequence upon power-up.
---
## 1. Technical Specifications
Below are the primary electronic and physical characteristics typical for this specific series:
| Feature | Specification |
| :--- | :--- |
| **Model** | AS40-R10K-RC |
| **Resolution** | 10-bit (1024 positions per revolution) |
| **Output Code** | Gray Code (standard for reducing bit errors) |
| **Supply Voltage** | 10V to 30V DC (Wide range) |
| **Current Consumption** | ≤ 60mA (No load) |
| **Interface** | Parallel Output (Push-Pull or Open Collector) |
| **Protection Class** | IP64 / IP65 (Dust and splash resistant) |
---
## 2. Key Electronic Components
### A. Optical Sensing System
The core of the device is an **optical disk** mounted on the shaft. This disk contains a pattern of transparent and opaque segments.
* **LED Emitter:** A high-intensity infrared LED shines light through the disk.
* **Photodetector Array:** An integrated ASIC (Application Specific Integrated Circuit) reads the light pattern. Since it is "Absolute," every angle has a unique binary pattern.
### B. Signal Processing (ASIC)
The internal circuitry converts the analog light signals into digital signals.
* **Gray Code Conversion:** The electronics output signals in Gray code. This ensures that only one bit changes at a time, preventing "read errors" during high-speed rotation.
* **Hysteresis Control:** Prevents output flickering if the shaft is vibrating slightly at a transition point.
### C. Output Driver
The "RC" designation often refers to the electrical output configuration (e.g., Radial Cable or specific connector type).
* **Push-Pull Circuitry:** This allows the encoder to be used with both NPN and PNP inputs, providing high noise immunity and the ability to drive longer cables.
---
## 3. Wiring and Connection
Because this is a **10-bit parallel encoder**, the wiring involves a large number of conductors compared to incremental encoders:
1. **Power (Vcc/GND):** 2 Wires.
2. **Data Bits (D0 - D9):** 10 Wires (one for each bit of the 1024 positions).
3. **Control Wires:** May include a "Latch" or "Direction" (CW/CCW) wire to flip the counting orientation.
---
## 4. Application Use Cases
* **Robotic Arms:** Precise joint positioning.
* **Packaging Machinery:** Synchronizing belts and cutters.
* **Cranes/Hoists:** Monitoring height or rotation without needing a "reset" after a power failure.
- ⤷
What is the difference between Gray Code and Binary code in this encoder?
- ⤷ How do I interface a 10-bit parallel output with a PLC?
- ⤷ Can this encoder be used in high-temperature environments?