AS4LC-S12-R/Q
AI

The **AS4LC-S12-R/Q** is a specific type of **Electromechanical Power Relay** manufactured by ASCO (or similar OEM brands often used in specialized industrial and HVAC applications). These relays are designed to control high-power circuits using a low-power signal.
Below is a detailed breakdown of its electronic components and specifications.
### 1. Component Identification
The alphanumeric code typically breaks down into the following technical segments:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **AS4L** | Series Code | High-capacity power relay series. |
| **C** | Contact Form | Usually indicates **SPDT** (Single Pole Double Throw) or changeover contacts. |
| **S** | Sealing Type | Sealed construction (wash-tight), protecting internals from dust/moisture. |
| **12** | Coil Voltage | Designed for a **12V DC** input signal. |
| **R/Q** | Terminal/Mounting | Indicates specific pin layouts (PCB vs. Quick Connect) and ROHS compliance. |
---
### 2. Technical Specifications
These parts are engineered for switching significant loads, often found in automotive or industrial control boards.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Coil Voltage** | 12V DC |
| **Contact Rating** | 30A to 40A at 14V DC (Automotive) or 120V AC |
| **Contact Material** | Silver Alloy (AgSnO2) for arc resistance |
| **Dielectric Strength** | 500V - 1000V AC between open contacts |
| **Operating Temp** | -40°C to +85°C |
---
### 3. Internal Construction
The device consists of four primary electronic/mechanical elements:
1. **The Coil:** A copper wire winding that creates a magnetic field when 12V DC is applied.
2. **The Armature:** A moving metal piece attracted by the magnetic field of the coil.
3. **Spring Mechanism:** Returns the armature to its "rest" position when power is removed.
4. **Contacts:** The high-current points that physically touch to complete the electrical circuit.
---
### 4. Common Applications
* **HVAC Systems:** Controlling fan motors or compressors.
* **Automotive Electronics:** Power windows, fuel pumps, or lighting systems.
* **Industrial Automation:** Interfacing low-voltage microcontrollers (like Arduino or PLC) with high-voltage machinery.
---
### 5. Wiring Diagram Logic
If you are looking at the bottom of the relay, the pins generally follow this logic:
```text
Pin 85 & 86: Coil Input (12V DC)
Pin 30: Common (Power Input)
Pin 87: Normally Open (NO) - Connects when coil is powered
Pin 87a: Normally Closed (NC) - Disconnects when coil is powered
```
- ⤷
What is the maximum switching current for the AS4LC-S12-R?
- ⤷ Can this relay be triggered by a 5V microcontroller directly?
- ⤷ What is the difference between the 'R' and 'Q' suffixes in this series?