AS4V-S12-R/UL
AI

The **AS4V-S12-R/UL** is an industrial-grade **Solid State Relay (SSR)** typically used in automation and control systems. It is designed to switch AC loads using a DC control signal without the use of moving mechanical parts.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Number** | AS4V-S12-R/UL |
| **Input (Control) Voltage** | 3 - 32 VDC |
| **Output (Load) Voltage** | 24 - 280 VAC |
| **Rated Load Current** | 12 Amps |
| **Switching Type** | Zero-Cross Switching |
| **Safety Certifications** | UL Recognized, CE |
| **Isolation Voltage** | 2500V (Input to Output) |
---
### Core Electronic Components & Functionality
#### 1. Input Side (Control)
The input operates like a standard LED circuit. When a DC voltage (3-32V) is applied, it triggers an internal **Optocoupler**. This provides galvanic isolation, ensuring that the high-voltage AC side cannot damage the low-voltage DC controller (such as a PLC or Arduino).
#### 2. Switching Element (The Output)
Unlike traditional relays that use electromagnetic coils and copper contacts, this SSR uses power semiconductors.
* **TRIAC or Back-to-Back Thyristors:** These components handle the high-current AC switching.
* **Zero-Cross Circuitry:** This unit includes a "Zero-Cross" detection circuit. It ensures the relay only turns ON when the AC sine wave passes through zero volts, significantly reducing **Electromagnetic Interference (EMI)** and protecting the load from sudden current inrushes.
#### 3. Protection Features
* **RC Snubber:** Typically includes an internal Resistor-Capacitor network to protect the semiconductor from voltage spikes ($dv/dt$) caused by inductive loads (like motors or solenoids).
* **LED Indicator:** A built-in LED on the casing provides visual confirmation when the control signal is active.
---
### Key Applications
* **Heating Control:** Used with PID controllers for precise temperature management in ovens or plastic extruders.
* **Motor Control:** Small AC motors that require frequent cycling.
* **Lighting Systems:** Switching large arrays of AC lamps where silent operation is required.
---
### Usage Precautions
1. **Heat Dissipation:** Even though there are no moving parts, the semiconductors generate heat ($ \approx 1.2W $ per Ampere). For a 12A load, a **Heat Sink** is mandatory to prevent thermal failure.
2. **Leakage Current:** SSRs have a small amount of "off-state" leakage current. Do not touch the load terminals even when the relay is "off."
- ⤷
What is the difference between Zero-Cross and Random-Fire switching in SSRs?
- ⤷ How do I calculate the required heat sink size for a 12A load?
- ⤷ Can this SSR be used to control a DC load instead of an AC load?