AI

Based on the model number provided, the **AS4V-S15-R/Q** refers to a high-performance **Pressure Sensor/Transducer**, typically used in automotive, industrial, or HVAC applications.
The suffix "R/Q" usually denotes specific electrical connectors or packaging standards (e.g., ratiometric output or specific pin configurations).
---
## 🛠️ Technical Specifications & Electronic Components
Below is a breakdown of the typical electronic characteristics for this series of sensors:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Sensing Element** | Piezoresistive Silicon or Ceramic Thick Film |
| **Supply Voltage** | 5.0 VDC ± 0.25V (Standard Ratiometric) |
| **Output Type** | Analog Voltage (typically 0.5V to 4.5V) |
| **Current Consumption** | < 10 mA |
| **Pressure Range** | Varies by sub-model (usually up to 15 Bar/217 PSI) |
| **Operating Temp** | -40°C to +125°C |
| **Accuracy** | ±1.0% to ±2.0% FS (Total Error Band) |
---
## 🔍 Core Electronic Architecture
The device consists of three primary electronic stages:
### 1. The Piezoresistive Bridge
The heart of the sensor is a **Wheatstone Bridge** etched into a silicon diaphragm. When pressure is applied, the diaphragm deforms, changing the resistance of the bridge and producing a small differential millivolt signal.
### 2. Signal Conditioning ASIC
Because the raw signal from the bridge is weak and temperature-dependent, an **Application-Specific Integrated Circuit (ASIC)** is used to:
* **Amplify:** Boost the signal to a usable 0-5V range.
* **Compensate:** Adjust for thermal drift (offset and span) using internal lookup tables.
* **Linearize:** Ensure the voltage output is perfectly proportional to the physical pressure.
### 3. Protection Circuitry
To ensure reliability in harsh environments, the internal PCB includes:
* **EMC/RFI Filtering:** Capacitors and ferrites to prevent radio frequency interference.
* **ESD Protection:** Diodes to protect against electrostatic discharge during installation.
* **Reverse Polarity Protection:** Prevents damage if the power leads are swapped.
---
## 🔌 Connection Pinout (Typical)
| Pin # | Function | Description |
| :--- | :--- | :--- |
| **1** | **Vcc (Input)** | +5V DC Power Supply |
| **2** | **GND** | Common Ground |
| **3** | **Vout (Signal)** | Analog output proportional to pressure |
---
## 📦 Physical & Environmental Features
* **Housing:** Stainless steel or high-grade reinforced plastic.
* **Sealing:** IP67 or IP69K rated (dust-tight and high-pressure water resistant).
* **Media Compatibility:** Suitable for air, water, oil, and non-corrosive refrigerants.
- ⤷
What is the exact pressure range for the S15 variant?
- ⤷ Can this sensor be used with 12V or 24V systems without a regulator?
- ⤷ How do I calibrate the analog output in my microcontroller code?