Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ASE02008MR-LW150-R

  • AI
    ## Detailed Analysis: ASE02008MR-LW150-R The **ASE02008MR-LW150-R** is a high-performance, miniature enclosure speaker manufactured by **PUI Audio**. It is specifically designed for compact electronic devices requiring clear voice and signal reproduction. --- ### 1. Key Technical Specifications Below are the primary electronic and physical parameters for this component: | Parameter | Specification | | :--- | :--- | | **Speaker Type** | Dynamic, Permanent Magnet | | **Impedance** | 8 Ohms (±15% @ 2000 Hz) | | **Rated Power (RMS)** | 0.8 Watts | | **Maximum Power** | 1.0 Watts | | **Sound Pressure Level (SPL)** | 88 dB ± 3dB (at 0.8W / 0.1M) | | **Frequency Range** | 500 Hz ~ 20,000 Hz | | **Resonant Frequency (Fo)** | 850 Hz ± 20% | | **Connection Type** | 150mm Lead Wires (UL1571 AWG30) | --- ### 2. Component Construction & Features * **Enclosure Design:** Unlike raw speaker drivers, this model comes in a pre-tuned plastic enclosure. This eliminates the need for the engineer to design a custom acoustic chamber, ensuring consistent sound quality. * **Magnet Material:** It utilizes a **Neodymium (NdFeB)** magnet, which provides a high magnetic flux density in a small footprint, allowing for high sensitivity. * **Diaphragm:** Typically features a Mylar or polyimide cone, which is resistant to moisture and provides a crisp high-frequency response. * **Lead Wires:** The "LW150" suffix denotes 150mm long lead wires, terminated with a specific connector or tinned leads (depending on the exact sub-batch), facilitating easy integration into PCB headers. --- ### 3. Application Use Cases Due to its small size and integrated housing, this part is commonly used in: 1. **Handheld Devices:** Scanners, GPS units, and portable medical monitors. 2. **IoT Endpoints:** Smart home hubs, security panels, and voice-prompt systems. 3. **Industrial Equipment:** User interface feedback and alarm signaling for control panels. --- ### 4. Frequency Response Considerations The **850 Hz resonant frequency** indicates that this speaker is optimized for mid-to-high range audio. It is not suitable for bass-heavy music but excels at: * Clear human speech (Voice) * System notifications (Beeps, chirps) * Melodic alerts
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the ASE02008MR-LW150-R?
    • ⤷ Does this speaker require a specific amplifier class (Class D vs Class AB)?
    • ⤷ What are the physical dimensions of the enclosure?