ASM3P2853_12
AI

## Understanding the ASM3P2853 (ON Semiconductor)
The **ASM3P2853** is a low-power, spread-spectrum clock generator (SSCG) designed specifically to reduce **Electromagnetic Interference (EMI)** at the source. It is commonly used in digital systems where high-speed clocks create unwanted radio frequency noise.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Frequency Range** | 10 MHz to 30 MHz |
| **Output Frequency** | Equal to Input (1x) |
| **Supply Voltage (VDD)** | 2.5V to 3.3V (± 10%) |
| **Modulation Rate** | 30 kHz to 60 kHz |
| **Operating Temperature** | 0°C to +70°C (Commercial) |
| **Package Type** | 8-pin SOIC or TSSOP |
---
### 2. Core Functional Parts
The internal architecture of the ASM3P2853 consists of several critical electronic stages:
1. **Phase-Locked Loop (PLL):** The heart of the chip. It takes the reference input clock and generates a stabilized high-frequency signal.
2. **Modulation Logic:** This circuit varies the PLL output frequency slightly over time. By "spreading" the energy of a single sharp clock frequency across a wider band, the peak EMI decibels (dB) are significantly lowered.
3. **Spread Spectrum Selection (S0/S1 Pins):** These digital input pins allow the user to select the "spread" percentage (e.g., ±0.5% or ±1.5%).
4. **Output Buffer:** Drives the resulting spread-spectrum clock signal to external components (like a CPU or FPGA) while maintaining signal integrity.
---
### 3. Pin Configuration (8-Pin SOIC)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | **XIN/CLKIN** | Crystal connection or external reference clock input. |
| 2 | **XOUT** | Crystal connection (leave floating if using external clock). |
| 3 | **S0** | Spread selection bit (Digital Input). |
| 4 | **GND** | Ground. |
| 5 | **CLKOUT** | Modulated clock output (Spread Spectrum). |
| 6 | **VDD** | Power supply (2.5V - 3.3V). |
| 7 | **S1** | Spread selection bit (Digital Input). |
| 8 | **ModOUT** | Modulation rate output (in some variants). |
---
### 4. Application Use Cases
* **Laptops/Tablets:** Reducing noise in high-density PCB layouts.
* **Printers:** Meeting FCC/CE emissions standards without expensive shielding.
* **Networking Gear:** Smoothing out clock spikes in routers and switches.
---
### 5. Simple Selection Logic Example
The amount of EMI reduction depends on the state of the S0 and S1 pins. For example:
```text
S1 | S0 | Modulation (Spread)
---|----|-------------------
0 | 0 | ± 0.5%
0 | 1 | ± 0.9%
1 | 0 | ± 1.3%
1 | 1 | ± 2.0%
```
- ⤷
What is the difference between Center Spread and Down Spread modulation in this chip?
- ⤷ How do I calculate the decibel (dB) reduction in EMI when using the ASM3P2853?
- ⤷ Can this chip be used with a 5V power supply?