ASPI-1040HI-R16
AI

## ASPI-1040HI-R16: Technical Overview
The **ASPI-1040HI-R16** is a high-performance, surface-mount (SMD) power inductor manufactured by Abracon. It belongs to the ASPI-1040HI series, characterized by its molded construction and high current capabilities.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.16 µH |
| **Tolerance** | ±20% (indicated by 'M' in some contexts, though R16 is the value) |
| **Inductance Code** | R16 (R represents the decimal point) |
| **DC Resistance (DCR)** | ~0.75 mΩ (Typ) / 1.0 mΩ (Max) |
| **Saturation Current (Isat)** | ~55.0 A |
| **Heating Current (Irms)** | ~30.0 A |
| **Operating Temperature** | -40°C to +125°C |
| **Case Size** | 11.5 x 10.3 x 4.0 mm |
---
### 2. Design and Construction
The ASPI-1040HI series uses specific engineering techniques to achieve high efficiency in a compact footprint:
* **Molded Shielded Construction:** The inductor is encased in a magnetic metal powder slurry. This provides excellent EMI (Electromagnetic Interference) shielding and prevents noise leakage to surrounding components.
* **High Saturation Core:** The iron powder core allows the component to handle extremely high peak currents without the inductance dropping off significantly (low magnetic saturation).
* **Low DCR:** The use of thick flat-wire or high-quality copper windings minimizes DC resistance, which reduces power loss and heat generation during operation.
---
### 3. Application Use-Cases
This specific part (0.16 µH) is designed for high-frequency, high-current power conversion. Common applications include:
* **Voltage Regulator Modules (VRM):** Used in CPU and GPU power delivery on motherboards.
* **DC/DC Converters:** Ideal for "Point of Load" (POL) converters where high efficiency is required.
* **Battery Powered Devices:** High efficiency helps extend battery life by reducing thermal waste.
* **Servers and Networking:** High-reliability power supplies for data centers.
---
### 4. Part Number Breakdown
The part number follows a standard nomenclature:
* **ASPI:** Abracon Surface Power Inductor.
* **1040:** Dimensions (approx. 10mm x 10mm x 4.0mm).
* **HI:** High Intensity / High Current series.
* **R16:** Inductance value (0.16 microhenries).
---
- ⤷
What is the significance of the 'Saturation Current' vs 'Heating Current' for this inductor?
- ⤷ Are there recommended PCB footprint patterns for the 1040 case size?
- ⤷ How does the molded construction compare to traditional wire-wound shielded inductors?