Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AT89C51AC3-RDTIM

  • AI
    The **AT89C51AC3-RDTIM** is a high-performance 8-bit microcontroller based on the 8051 architecture, developed by Atmel (now part of Microchip Technology). It is specifically designed for industrial and automotive applications that require integrated **CAN (Controller Area Network)** capabilities. --- ### 1. Key Technical Specifications | Feature | Specification | |:--- |:--- | | **Core** | 8-bit 8051 | | **Flash Memory** | 64 KB (In-System Programmable) | | **RAM** | 2 KB (256 bytes internal + 1792 bytes expanded) | | **EEPROM** | 2 KB | | **Clock Frequency** | Up to 40 MHz (at 5V) | | **Operating Voltage** | 3.0V to 5.5V | | **I/O Pins** | 32 to 50 (depending on package) | | **Package Type** | VQFP44 / PLCC44 | --- ### 2. Core Electronic Modules #### A. The CAN Controller The standout feature of the "AC3" series is the integrated Full CAN controller. - **Protocol:** Supports CAN 2.0A and 2.0B specifications. - **Mailboxes:** 15 independent message objects with their own identifier masks. - **Function:** Handles framing, error detection, and arbitration without taxing the CPU. #### B. Memory Architecture - **Flash (64 KB):** Used for program storage. It supports ISP (In-System Programming), allowing firmware updates without removing the chip. - **XRAM (1792 bytes):** This is on-chip "External" RAM used for data buffering and complex calculations. - **EEPROM (2 KB):** Non-volatile memory for storing configuration parameters or calibration data that must survive power cycles. #### C. Analog-to-Digital Converter (ADC) - **Resolution:** 10-bit. - **Channels:** 8-channel multiplexed input. - **Purpose:** Bridges the gap between analog sensors (temperature, pressure) and the digital processor. #### D. Programmable Counter Array (PCA) This module provides high-speed input/output functions with less CPU intervention: - PWM (Pulse Width Modulation) generation for motor control. - High-speed output and capture modes. - Watchdog Timer (WDT) to reset the system in case of software crashes. --- ### 3. Pinout and Connectivity The **RDTIM** suffix typically refers to the packaging and temperature rating (usually industrial grade). ```c // Example: Basic initialization structure for Timer 0 void Timer0_Init() { TMOD &= 0xF0; // Clear Timer 0 bits TMOD |= 0x01; // Set Timer 16-bit mode TH0 = 0xFC; // Load high byte TL0 = 0x66; // Load low byte TR0 = 1; // Start timer } ``` --- ### 4. Typical Applications 1. **Automotive Systems:** Dashboard controllers and body electronics. 2. **Industrial Automation:** Sensor nodes on a CANopen or DeviceNet network. 3. **Motor Control:** Utilizing the PCA for PWM signaling to H-bridges. 4. **Security Systems:** Access control panels requiring non-volatile storage.
    ✨ Follow-up Questions
    • ⤷ How do I program the AT89C51AC3 using the ISP interface?
    • ⤷ What is the difference between the AC3 and the standard AT89C51?
    • ⤷ Can this microcontroller operate at 3.3V consistently?