Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AT89S53_06

  • AI
    The **AT89S53** is a low-power, high-performance CMOS 8-bit microcontroller with 12K bytes of In-System Programmable (ISP) Flash peripheral memory. It belongs to the classic 8051 architecture family manufactured by Atmel (now Microchip). Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Key Technical Specifications The AT89S53 is designed for applications requiring high-density non-volatile memory and flexible I/O configurations. | Feature | Specification | | :--- | :--- | | **Architecture** | 8-bit MCS-51 | | **Operating Voltage** | 4.0V to 6.0V | | **Flash Memory** | 12K Bytes (ISP) | | **RAM** | 256 x 8-bit Internal RAM | | **Clock Frequency** | 0Hz to 24MHz (0Hz to 33MHz for some variants) | | **I/O Pins** | 32 Programmable I/O Lines | | **Timers** | Three 16-bit Timer/Counters | | **Interrupts** | 9 Interrupt Sources | | **Communication** | Programmable UART & SPI Serial Interface | --- ### 2. Core Internal Electronic Components #### A. Central Processing Unit (CPU) The brain of the chip. It handles 8-bit data processing and is compatible with the industry-standard 8051 instruction set. #### B. Memory Structure * **Flash Memory (12KB):** Used for code storage. It can be programmed "In-System" via the SPI port, meaning you don't need to remove the chip from the circuit to update the code. * **SRAM (256 Bytes):** Used for temporary data storage during program execution. * **EEPROM (2KB):** High-end versions of the S53 include built-in EEPROM for saving parameters that must persist after power loss. #### C. The SPI Interface Unlike the standard AT89C51, the "S" series features a **Serial Peripheral Interface (SPI)**. This is the electronic part that allows the chip to communicate with other sensors or be programmed using just a few wires (MOSI, MISO, SCK). #### D. Watchdog Timer (WDT) A specialized hardware circuit that resets the microcontroller if the software hangs or crashes, ensuring system reliability in industrial environments. --- ### 3. Pin Configuration Overview The AT89S53 typically comes in a 40-pin PDIP or 44-pin TQFP/PLCC package. ```text Pin Range | Function Name | Description ----------|---------------|----------------------------------------- 1 - 8 | Port 1 (P1) | 8-bit bidirectional I/O port. Also carries SPI signals. 9 | RST | Reset input (High level for 2 cycles resets the chip). 10 - 17 | Port 3 (P3) | I/O pins with special functions (UART, INT, Timers). 18 - 19 | XTAL1 / XTAL2 | Input/Output for the internal oscillator (Crystal). 20 | GND | Ground. 21 - 28 | Port 2 (P2) | 8-bit bidirectional I/O or High-order Address bits. 29 | PSEN | Program Store Enable (reads external code memory). 30 | ALE/PROG | Address Latch Enable / Programming pulse input. 31 | EA/VPP | External Access Enable. 32 - 39 | Port 0 (P0) | 8-bit open-drain bidirectional I/O. 40 | VCC | Supply voltage (+5V nominal). ``` --- ### 4. Distinctive Advantages 1. **In-System Programming:** You can update firmware via a simple 3-wire interface. 2. **Low Power Modes:** Supports **Idle Mode** (CPU stops, RAM/Timers/Interrupts continue) and **Power-down Mode** (Saves RAM but freezes the oscillator). 3. **Data Retention:** The Flash memory is rated for 10,000 write/erase cycles and 10-year data retention.
    ✨ Follow-up Questions
    • ⤷What is the difference between AT89S53 and AT89S52?
    • ⤷ How do I interface the SPI pins for programming?
    • ⤷ Can the AT89S53 run on 3.3V power supplies?