Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATG-1124-R

  • AI
    The **ATG-1124-R** is a high-performance, programmable signal generator (often categorized as a power signal source) manufactured by Aigtek. It is designed to drive piezoelectric ceramic components, ultrasonic transducers, and other capacitive or inductive loads. --- ### ## 1. Key Technical Specifications The core electronic capabilities of the device are defined by its voltage range, frequency, and output power. | Feature | Specification | Description | | :--- | :--- | :--- | | **Output Voltage** | 160Vp-p (±80V) | Maximum peak-to-peak voltage output. | | **Output Current** | 4Ap | High current capability for low-impedance loads. | | **Frequency Range** | DC to 1MHz | Supports high-frequency ultrasonic applications. | | **Max Power** | 320W | Total power output capability. | | **Output Impedance** | < 0.5Ω | Extremely low impedance for efficient power transfer. | --- ### ## 2. Core Electronic Components & Architecture The internal architecture of the ATG-1124-R focuses on signal integrity and power amplification: * **Power Amplifier Stage:** Uses a high-voltage, high-speed operational amplifier design capable of handling high-slew rates to maintain waveform shape at 1MHz. * **Variable Resistance System:** Features adjustable output resistance, allowing the user to match the source to the load for maximum power transfer or stability. * **Control Interface:** Integrated with a digital-to-analog conversion system that allows for precise control via: * **LCD Display:** For real-time monitoring of parameters. * **USB/LAN Ports:** For remote programmatic control (SCPI commands). * **Protection Circuitry:** Includes over-current, over-voltage, and over-temperature sensors that automatically shut down the output to prevent damage to the internal transistors. --- ### ## 3. Common Electronic Applications Because of its high voltage and frequency range, it is primarily used in the following electronic sectors: 1. **Piezoelectric Testing:** Driving piezo actuators which require high voltage to induce mechanical displacement. 2. **Ultrasonic Research:** Powering transducers used in medical imaging or industrial cleaning. 3. **MEMS Characterization:** Testing Micro-Electro-Mechanical Systems. 4. **Magnetic Components:** Testing inductors and transformers at varying frequencies. --- ### ## 4. Input/Output Connectivity ```arduino // Typical Port Configuration - Input: BNC Connector (External signal source) - Output: 4mm Binding Posts / BNC (Power output) - Control: DB9 (RS232) / RJ45 (LAN) / USB ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ATG-1124-R and the ATG-2000 series?
    • ⤷ How do I calculate the maximum load capacitance for this device at 1MHz?
    • ⤷ Does the ATG-1124-R support arbitrary waveform generation internally?