ATG-2113-R
AI

The **ATG-2113-R** is a high-performance **Power Signal Generator** (often categorized as a power amplifier with an integrated signal source) manufactured by Aigtek. It is specifically designed to drive capacitive and inductive loads with high precision in laboratory and industrial R&D environments.
---
### ## Technical Specifications
Below is a breakdown of the primary electronic characteristics of the ATG-2113-R:
| Parameter | Specification |
| :--- | :--- |
| **Output Waveforms** | Sine, Square, Triangle, Pulse, Sawtooth, DC |
| **Maximum Output Voltage** | 800Vp-p (±400V) |
| **Maximum Output Power** | 120W |
| **Frequency Range** | DC to 1MHz |
| **Output Current** | 300mAp |
| **Voltage Gain** | 0~100 (Adjustable) |
| **Input Impedance** | 50Ω / 100kΩ (Switchable) |
---
### ### Key Electronic Components & Features
#### 1. Dual-Channel Architecture
The device typically operates with a high-voltage power amplification circuit. It can function as a standalone signal generator or as an external power amplifier to boost signals from an existing DAC or function generator.
#### 2. High-Voltage Output Stage
The core of the ATG-2113-R is its **Linear Power Amplification stage**. Unlike PWM-based amplifiers, the linear design ensures:
* Low harmonic distortion.
* High signal fidelity across the 1MHz bandwidth.
* Stability when driving complex impedances (Piezoelectric ceramics).
#### 3. Control Interface
The system integrates a digital control logic board that manages:
* **LCD Display:** For real-time monitoring of voltage and frequency.
* **Protection Circuits:** Over-current and over-temperature sensors that shut down the output stage to prevent component failure.
* **Numerical Control:** Digital encoders allow for precise gain and frequency stepping.
---
### ### Typical Application Circuit
In a common laboratory setup, the ATG-2113-R acts as the power driver between a controller and a transducer.
```mermaid
graph LR
A[Signal Source/Internal MCU] --> B[Pre-Amplifier Stage]
B --> C[Power Amplification Stage]
C --> D[Output Filter/Protection]
D --> E[Load: Piezo/Inductor/Plasma]
```
---
### ### Usage Precautions
1. **Impedance Matching:** While the device is robust, ensure the load does not exceed the 300mA peak current limit at high voltages.
2. **Heat Dissipation:** The unit uses active cooling. Ensure the rear fans are not obstructed during high-power (120W) continuous operation.
3. **Grounding:** Ensure common ground between the input signal source and the ATG-2113-R to prevent ground loops.
- ⤷What are the primary differences between the ATG-2113-R and the higher frequency ATG-2122 models?
- ⤷ Can the ATG-2113-R be controlled remotely via PC software?
- ⤷ What are the specific safety protocols for operating the 800Vp-p output?