AI

The **ATG-2123-R** is a high-voltage power signal generator (often categorized as a high-voltage amplifier) manufactured by Aigtek. It is designed to amplify sine waves, square waves, triangle waves, and arbitrary waveforms to high-voltage outputs.
---
### ## Technical Specifications
Below is a breakdown of the core electronic parameters of the ATG-2123-R:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 160Vp-p (±80Vp) |
| **Output Current** | 500mA (Peak) |
| **Frequency Range** | DC to 450kHz |
| **Output Power** | 40W |
| **Output Impedance** | Adjustable (Low/High resistance modes) |
| **Waveform Types** | Sine, Square, Triangle, Pulse, Sawtooth, DC, Arbitrary |
---
### ### Key Electronic Features
#### 1. Signal Amplification & Generation
Unlike a standard function generator that outputs low-voltage signals (usually <20V), the ATG-2123-R integrates a **high-voltage power amplifier stage**. It can take an internal digital signal or an external analog input and scale it up to 160Vp-p while maintaining signal integrity.
#### 2. LCD Display & Interface
The device utilizes a digital control interface that allows users to adjust parameters such as:
- **Amplitude:** Precise control over the voltage swing.
- **Offset:** Shifting the waveform vertically relative to zero.
- **Phase:** Adjusting the start point of the wave.
#### 3. Protection Circuitry
To protect the internal electronic components and the connected Load (DUT), the device includes:
- **Overcurrent Protection:** Shuts down if the current exceeds 500mA.
- **Overheating Protection:** Internal thermal sensors monitor the power stage.
- **Short Circuit Protection:** Prevents damage if the output terminals are bridged.
#### 4. Dual Channel Functionality
The "2" in the 2000 series often denotes dual-channel capabilities, allowing the user to output two different high-voltage signals simultaneously with synchronized or independent phases.
---
### ### Common Applications
Due to its ability to drive capacitive and inductive loads at high frequencies, it is used for:
- **Piezoelectric Transducer Driving:** Requires high voltage and specific frequencies.
- **MEMS Testing:** Characterizing micro-electromechanical systems.
- **Ultrasonic Research:** Driving ultrasonic sensors.
- **Cell Electroporation:** Delivering precise pulses for biological research.
- ⤷
What are the differences between the ATG-2123-R and the ATG-2000 series models?
- ⤷ How do I connect an external signal source to the ATG-2123-R?
- ⤷ Can this device handle highly capacitive loads without stability issues?