Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATG-3141-R

  • AI
    ### Technical Overview of the ATG-3141-R The **ATG-3141-R** is a high-performance **Programmable High Voltage Power Amplifier**. It is designed to amplify both DC and AC signals, making it an essential tool for laboratories and industrial environments requiring precise high-voltage output. --- ### Core Electronic Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 800Vp-p (±400Vp) | | **Output Current** | 1.1Ap | | **Bandwidth (-3dB)** | DC to 150kHz | | **Slew Rate** | ≥180V/μs | | **Input Resistance** | 50Ω / 10kΩ (Switchable) | | **Output Resistance** | < 1Ω | --- ### Key Electronic Components & Subsystems #### 1. Signal Input Stage The device features a BNC input interface. It allows for the selection of input impedance: * **50Ω:** Ideal for matching with standard signal generators. * **10kΩ:** High impedance mode to minimize loading on the source signal. #### 2. Amplification Circuitry The internal circuitry utilizes high-voltage operational amplifiers and power transistors configured to handle rapid voltage swings. * **Voltage Gain:** The gain is adjustable (usually 0-80x), allowing users to scale small input signals (e.g., 0-10V) to the full 800Vp-p range. * **Slew Rate Control:** The electronics are optimized to ensure the output can track high-frequency square waves without significant distortion. #### 3. Protection Modules To ensure the longevity of the electronic parts, the ATG-3141-R integrates several protection layers: * **Overcurrent Protection:** Shuts down output if the load exceeds 1.1A. * **Thermal Protection:** Internal sensors monitor heat sinks and power transistors to prevent overheating. * **Overvoltage Protection:** Limits the output to prevent damage to the internal rail capacitors. #### 4. Monitoring System The unit includes an integrated measurement system that displays parameters on an LCD. * **Output Monitoring:** Provides a 1/100 scale voltage output (via a separate BNC) for safe monitoring on an oscilloscope. --- ### Common Applications Due to its high voltage and current capabilities, it is used for: * **MEMS Testing:** Driving micro-electromechanical systems. * **Ultrasonic Transducers:** Providing the necessary power for piezoelectric materials. * **Plasma Physics:** Generating the fields required for small-scale plasma experiments.
    ✨ Follow-up Questions
    • ⤷ What are the specific requirements for the input signal to achieve maximum output?
    • ⤷ How does the output monitoring BNC protect the oscilloscope?
    • ⤷ What type of cooling system is used to handle the heat generated by the 1.1A output?