ATS-01A-08-C3-R0
AI

The **ATS-01A-08-C3-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is part of their "push pin" attachment series designed for cooling integrated circuits (ICs) and other electronic packages.
---
### ## Technical Specifications
Below are the primary technical parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-01A-08-C3-R0 |
| **Heat Sink Type** | Push Pin (Spring-loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Fin Style** | Straight (Extruded) |
| **Attachment Method** | Push Pin (with plastic/brass options) |
| **Thermal Resistance** | Variable based on Airflow (LFM) |
---
### ## Key Features & Design
The ATS-01A-08-C3-R0 is engineered for specific thermal management requirements:
* **Push Pin Attachment:** This part uses a spring-loaded push pin mechanism. This provides a consistent, high-pressure contact between the heat sink and the electronic component, which improves thermal transfer efficiency.
* **Material Science:** Constructed from 6063 aluminum, providing a lightweight yet thermally conductive base. The blue anodized finish increases surface emissivity and provides corrosion resistance.
* **Pre-Applied Interface:** Most parts in this series come with **Phase Change Material (PCM)** or high-performance thermal tape pre-applied to the base to eliminate the need for manual thermal paste application.
### ## Application Context
This component is typically found in:
1. **Networking Hardware:** Switches, routers, and high-speed modems.
2. **Embedded Computing:** Cooling for SoCs (System on Chips) or FPGAs.
3. **Power Electronics:** Voltage regulators or power modules that generate localized heat.
---
### ## Thermal Performance
Thermal resistance $(\theta_{ja})$ is dependent on the airflow velocity across the fins:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Static/Natural) | ~14.0 - 15.0 |
| 300 (Forced Air) | ~6.0 - 8.0 |
| 500 (High Velocity) | ~4.5 - 5.5 |
*(Note: These values are typical estimates for the 08-series dimensions; actual performance varies by board layout.)*
- ⤷
What are the physical dimensions (LxWxH) of the ATS-01A-08-C3-R0?
- ⤷ What hole pattern is required on the PCB to accommodate these push pins?
- ⤷ Does this model come with a specific thermal interface material (TIM) pre-applied?