ATS-01A-101-C3-R0
AI

The **ATS-01A-101-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components like CPUs, GPUs, and other integrated circuits that require efficient thermal management.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 30.00mm |
| **Thermal Resistance (Flowing)** | 1.20 °C/W (@ 100 LFM) |
| **Thermal Resistance (Static)** | 6.70 °C/W |
| **Pitch** | Fine Pitch |
---
### 2. Key Electronic & Mechanical Components
#### A. The Heat Sink Body
The body is constructed from aluminum for its high thermal conductivity-to-weight ratio. The **"C3"** in the part number indicates a specific thermal performance grade and material composition (typically high-grade aluminum).
#### B. pushPIN™ Attachment System
This part uses a specialized mechanical attachment system instead of simple adhesive.
- **Springs:** Ensures consistent pressure between the heat sink and the electronic chip to minimize air gaps.
- **Hardware:** Usually brass or steel pins that lock into the PCB (Printed Circuit Board) holes.
#### C. Thermal Interface Material (TIM)
The **"R0"** suffix typically denotes that the heat sink comes with a pre-applied thermal interface material (like thermal grease or a pad). This fills microscopic valleys between the electronic part and the metal surface to improve heat transfer.
---
### 3. Application Usage
In an electronic circuit, this part is used to prevent **thermal throttling** or component failure. It is commonly found in:
* **Networking Equipment:** Routers and switches.
* **Power Supplies:** High-voltage regulators.
* **Industrial PCs:** Compact systems where airflow is directed through fine-pitch fins.
- ⤷
What is the difference between pushPIN and adhesive mounting for heat sinks?
- ⤷ How do I calculate the required LFM for this specific thermal resistance?
- ⤷ What does 'Blue Anodized' signify in terms of heat radiation?