ATS-01A-11-C2-R0
AI

The **ATS-01A-11-C2-R0** is a specific part number for a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series and is designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
The technical attributes of this part are defined by its alphanumeric code. Below are the key specifications:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded push pins) |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 12.70mm |
| **Pitch** | Fine Pitch (Straight Fin) |
| **Thermal Resistance** | 18.78°C/W (Unducted @ 100 LFM) |
| **Compliance** | RoHS-6 and REACH compliant |
---
### 2. Breakdown of the Electronic Design
#### A. Thermal Management Strategy
The heat sink uses a **Straight Fin** design. This is optimized for systems with a defined airflow direction. The high fin density increases the surface area for heat dissipation without significantly obstructing air passage.
#### B. Mounting Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, the "C2" designation refers to the specific attachment hardware:
* **Push Pins:** Durable brass or plastic pins that snap into pre-drilled holes on the PCB.
* **Compression Springs:** These provide a precise "Force" (Pressure) against the electronic chip to ensure maximum thermal interface contact.
#### C. Thermal Interface Material (TIM)
The **R0** suffix typically indicates that the part comes pre-applied with a high-performance thermal interface material (like a phase-change material or thermal grease). This eliminates the air gap between the component and the aluminum, lowering the overall thermal resistance.
---
### 3. Applications
This part is commonly found in the following electronic assemblies:
1. **Telecommunications:** Cooling for high-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Dissipating heat from MOSFETs or Power Modules.
---
- ⤷
What is the difference between straight fin and cross-cut fin heat sinks?
- ⤷ How do I calculate if the 18.78°C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative mounting options if my PCB does not have holes for push pins?