ATS-01A-12-C2-R0
AI

The **ATS-01A-12-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "superGRIP" series, designed specifically for cooling electronic components such as BGA (Ball Grid Array) chips, FPGAs, and processors.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (High Thermal Conductivity) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 15.80°C/W (Natural Convection) |
| **Mounting Type** | superGRIP Clip (Tool-less) |
| **Dimensions** | 30mm x 30mm x 7.5mm |
| **Attachment Method** | Mechanical Clip + Thermal Interface Material (TIM) |
---
### 2. Physical Design and Construction
* **Fin Geometry:** It features a **Straight-Fin** design. This is optimized for airflow in one direction and is highly efficient in forced-air environments (using fans).
* **Low Profile:** With a height of only **7.5mm**, this part is ideal for low-clearance applications such as 1U servers, embedded systems, or thin networking gear.
* **Material Choice:** Aluminum is used to provide a balance between lightweight construction and high thermal dissipation capabilities.
---
### 3. The "superGRIP" Mounting System
The most notable "electronic part" aspect of this assembly is the **superGRIP** mechanical attachment.
1. **Frame Clip:** A plastic frame snaps around the base of the component (e.g., the FPGA or CPU).
2. **Spring Clip:** A metal spring clip (typically stainless steel) applies consistent pressure across the heat sink.
3. **No Holes Required:** Unlike traditional heat sinks that require holes drilled into the PCB, this clips directly to the chip, saving board space for trace routing.
---
### 4. Thermal Performance
Thermal resistance values vary based on the airflow speed (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 7.5 |
| 400 | 2.0 | 5.3 |
| 600 | 3.0 | 4.3 |
---
### 5. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **01A:** Series designation.
* **12:** Specific sizing code for the 30mm footprint.
* **C2:** Indicates the thermal interface material or specific finish (Blue Anodized).
* **R0:** Revision code (Standard RoHS compliant version).
- ⤷
What are the compatible component sizes for the superGRIP frame?
- ⤷ Does this heat sink come with pre-applied thermal interface material?
- ⤷ How do I calculate the junction temperature using the 15.80°C/W resistance value?