ATS-01A-121-C2-R0
AI

The part number **ATS-01A-121-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" heat sink series designed for cooling electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Thermal Resistance** | 9.48°C/W (Unducted Flow @ 200 LFM) |
| **Fin Style** | Straight Fin |
| **Base Type** | Flat |
---
### 2. Breakdown of Part Number Nomenclature
Advanced Thermal Solutions uses a specific coding system to define their parts:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **01A**: Part series/family (Standard push-pin assembly).
* **121**: Specific geometry and fin configuration.
* **C2**: Refers to the thermal interface material (TIM) and finish. "C2" typically indicates a **Blue Anodized** finish with a specific pre-applied thermal pad/tape.
* **R0**: Revision or RoHS compliance status.
---
### 3. Key Electronic Functions
While a heat sink is a passive mechanical component, it is critical to electronic system stability:
1. **Thermal Dissipation**: It increases the surface area of the component it is mounted on, allowing heat to transfer more efficiently into the surrounding air.
2. **Thermal Interface Material (TIM)**: This part comes with a pre-applied TIM on the base, which fills microscopic air gaps between the heat sink and the electronic chip to improve conductivity.
3. **Mechanical Attachment**: The push-pin mechanism uses a spring-loaded design to provide consistent pressure on the chip, ensuring optimal thermal contact without over-tightening.
---
### 4. Common Applications
* **Integrated Circuits (ICs)**: Cooling high-speed processors or chipsets.
* **Power Electronics**: Managing heat in voltage regulators or power modules.
* **Embedded Systems**: Used in industrial PCs or networking equipment where airflow is managed.
- ⤷
What are the different types of Thermal Interface Materials (TIM) used with this series?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Are there alternative attachment methods like thermal tape for this specific size?