AI

The **ATS-01A-15-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "superGRIP" series, designed for cooling integrated circuits (ICs) like BGA, PBGA, and FPBGA packages.
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | Fin Array (Blue Anodized) |
| **Attachment Method** | superGRIP™ Clip Assembly |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Material** | Aluminum (AL-6063-T5) |
| **Thermal Resistance** | 3.44°C/W @ 200 LFM (Airflow) |
| **Color/Finish** | Blue Anodized |
---
### 2. Electronic Application & Functionality
While the part itself is mechanical (aluminum), its role in an electronic circuit is critical for the stability and longevity of active components:
* **Thermal Management:** It conducts heat away from high-power electronic components (like CPUs, GPUs, or high-speed FPGAs) to prevent "thermal throttling" or hardware failure.
* **Airflow Optimization:** The fin design is engineered to maximize surface area contact with air. In a forced-convection environment (with fans), it dissipates heat significantly faster than passive cooling.
* **EMI Shielding Compatibility:** Because it is made of aluminum, it can assist in reducing electromagnetic interference when properly grounded, though its primary function remains thermal.
---
### 3. Part Number Breakdown (Decoding)
To understand what each segment of **ATS-01A-15-C2-R0** means:
* **ATS:** Brand (Advanced Thermal Solutions).
* **01A:** Refers to the specific series/design family within the superGRIP category.
* **15:** The height of the heat sink in millimeters (15mm).
* **C2:** Refers to the Thermal Interface Material (TIM) and clip color/type. "C2" typically indicates a specific performance-grade thermal tape or grease is pre-applied.
* **R0:** Revision code or RoHS compliance indicator (Lead-free).
---
### 4. Installation Mechanism: superGRIP™
The electronic safety of this part is enhanced by its mounting method. Unlike traditional adhesive-only heat sinks, the **superGRIP** system uses a high-strength plastic frame and a spring-loaded metal clip.
* **Benefit:** It applies consistent pressure across the chip surface without needing holes in the PCB.
* **Protection:** This prevents the heat sink from shifting during vibration or shipping, which could otherwise short-circuit nearby SMD components.
---
- ⤷
What is the thermal resistance of this heat sink under natural convection versus forced airflow?
- ⤷ Which thermal interface materials are compatible with the ATS-01A series?
- ⤷ How does the superGRIP clip compare to push-pin mounting in terms of PCB space?