ATS-01A-166-C3-R0
AI

The **ATS-01A-166-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed specifically for thermal management in electronic systems.
### Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 12.30°C/W (Unducted @ 100 LFM) |
| **Attachment Method** | pushPIN™ (Brass Springs) |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 15.00mm |
| **Pitch** | 1.10mm (approx.) |
| **Fin Pattern** | Straight Fin |
---
### Component Breakdown
#### 1. Thermal Performance
The efficiency of the heat sink is measured by its **Thermal Resistance**. At low airflow (100 LFM), it provides a resistance of 12.30°C/W, which drops significantly to **3.91°C/W** under high airflow (700 LFM). This makes it suitable for high-density PCB environments.
#### 2. Attachment Mechanism (pushPIN™)
Instead of using messy thermal adhesives or tape, this part uses a mechanical **pushPIN™** system:
* **Springs:** Pre-assembled brass springs provide consistent pressure.
* **Attachment:** Ensures a secure fit and optimal thermal interface material (TIM) contact.
* **TIM:** Usually comes pre-applied with a high-performance thermal interface to simplify assembly.
#### 3. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** Provides corrosion resistance and slightly improves heat radiation through emissivity.
### Applications
* **Integrated Circuits (ICs):** Cooling microprocessors, FPGAs, or ASICs.
* **Telecom Hardware:** Networking switches and routers.
* **Embedded Systems:** Industrial PCs where vertical space (15mm) is available.
---
- ⤷
What are the recommended mounting hole diameters for the pushPIN system?
- ⤷ How does the thermal resistance change at higher airflows (LFM)?
- ⤷ Is this heat sink compatible with standard BGA packages?