ATS-01A-183-C2-R0
AI

The **ATS-01A-183-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **maxiFLOW™** series, specifically designed for cooling electronic components like processors, FPGAs, and ASICs where airflow is directional.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Thermal Resistance** | 5.37°C/W (Unducted Flow @ 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Electronic/Thermal Performance
The efficiency of a heat sink is measured by its ability to dissipate heat into the surrounding air. For the ATS-01A-183-C2-R0, performance varies based on air velocity:
* **Low Airflow (200 LFM):** 5.37 °C/W
* **High Airflow (700 LFM):** 2.20 °C/W
As the linear feet per minute (LFM) of the cooling fan increases, the thermal resistance drops significantly, allowing the electronic component to stay within its safe operating temperature (Tj).
---
### 3. Key Design Features
#### A. Pin Fin Geometry (maxiFLOW™)
Unlike standard straight-fin heat sinks, the maxiFLOW design uses a tapered fin structure. This increases the surface area and creates turbulence in the airflow, which helps break up the boundary layer of air and improves heat transfer.
#### B. pushPIN™ Attachment
This model uses a **pushPIN™** system which consists of:
* **Plastic/Brass Pins:** To secure the sink to the PCB.
* **Compression Springs:** To ensure uniform pressure across the component surface, maximizing the effectiveness of the Thermal Interface Material (TIM).
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied. This is a phase-change or high-conductivity material that fills microscopic air gaps between the heat sink and the electronic chip, reducing the contact resistance.
---
### 4. Typical Applications
* **Computing:** High-speed microprocessors and memory modules.
* **Telecommunications:** Network switches and routers.
* **Power Electronics:** Voltage regulators and power MOSFETs.
- ⤷
What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ How do I calculate if this heat sink is sufficient for a 10W chip?
- ⤷ Are there specific PCB hole patterns required for the pushPIN attachment?