ATS-01A-34-C2-R0
AI

The **ATS-01A-34-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed primarily for cooling integrated circuits (ICs) and other electronic surface-mount components.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-01A-34-C2-R0 |
| **Heat Sink Type** | Board Level (Passive) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 6.73°C/W (at 200 LFM) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Footprint/Size** | 35mm x 35mm |
| **Height** | 25mm |
---
### 2. Design and Construction Features
* **Heat Sink Material:** It is made from **Aluminum 6063**, which provides an excellent balance between thermal conductivity and mechanical strength.
* **Fin Style:** This model typically utilizes **straight fins** or **cross-cut pins** (depending on the specific sub-series configuration) designed to maximize surface area for convective cooling.
* **Thermal Interface Material (TIM):** The "C2" suffix indicates that the part usually comes with a pre-applied high-performance thermal pad or grease (specifically **T766**), ensuring a low-resistance thermal path between the chip and the heat sink.
* **Attachment:** The **Push-Pin** mounting system ensures consistent pressure (approx. 20 PSI) on the component, which prevents the heat sink from shifting and optimizes heat transfer.
---
### 3. Thermal Performance (Flow Rate vs. Resistance)
The efficiency of this heat sink depends on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 6.73 |
| 300 (1.5 m/s) | 4.70 |
| 400 (2.0 m/s) | 3.80 |
| 500 (2.5 m/s) | 3.20 |
---
### 4. Application and Usage
This part is commonly found in:
1. **Networking Equipment:** Switches and routers where high-density chips generate significant heat.
2. **Power Supplies:** Cooling voltage regulators or power transistors.
3. **Industrial PCs:** Providing passive cooling for processors or chipsets in compact enclosures.
- ⤷
What is the difference between blue and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required spring force for a push-pin attachment?
- ⤷ Can this heat sink be used with a custom clip instead of push-pins?