ATS-01A-36-C2-R0
AI

The **ATS-01A-36-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is categorized as a **High-Performance Heat Sink**, designed primarily for cooling electronic components such as BGA (Ball Grid Array) packages, CPUs, or GPUs.
---
### 1. Technical Specifications
Below are the key physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Clip-On (maxiFLOW™) |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 22.86mm |
| **Thermal Resistance** | 2.70°C/W @ 200 LFM |
| **Fin Style** | Straight / maxiFLOW™ Tapered |
---
### 2. Design and Engineering Features
#### **A. maxiFLOW™ Design**
The "36-C2" series utilizes a proprietary tapered fin design. This geometry is engineered to:
* Maximize surface area for heat dissipation.
* Reduce pressure drop, allowing air to flow more freely through the fins.
* Optimize performance in environments with constrained airflow.
#### **B. Attachment Mechanism (maxiGRIP™)**
Unlike adhesive-based heat sinks, this model typically pairs with a **maxiGRIP™** attachment system.
* **Mechanical Clip:** Uses a high-performance plastic "frame" clip and a stainless steel spring clip.
* **Reliability:** Provides constant pressure for better thermal interface material (TIM) contact and prevents the heat sink from shifting during vibration or shock.
#### **C. Material and Coating**
* **Aluminum:** Chosen for its high thermal conductivity-to-weight ratio.
* **Blue Anodizing:** This is not just aesthetic; the anodized layer increases the surface emissivity, slightly improving radiant heat transfer and providing corrosion resistance.
---
### 3. Application Use Cases
This part is commonly found in the following electronic assemblies:
1. **Telecommunications:** Network switches and routers where airflow is directional.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Supplies:** Cooling high-speed MOSFETs or power regulators.
---
### 4. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Brand)
* **01A:** Series designation
* **36:** Representative of the base size (approx. 37mm)
* **C2:** Designates the specific fin height/density configuration
* **R0:** RoHS compliant (Standard environmental safety version)
- ⤷
What is the recommended Thermal Interface Material (TIM) for the ATS-01A-36-C2-R0?
- ⤷ How does the pressure drop of this heat sink compare to standard cross-cut designs?
- ⤷ Is there a CAD model available for integrating this part into a PCB layout?